Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

900-016NF25-1P1 Arkusz danych(PDF) 1 Page - Glenair, Inc.

Numer części 900-016NF25-1P1
Szczegółowy opis  Connector Assembly, Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GLENAIR [Glenair, Inc.]
Strona internetowa  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

900-016NF25-1P1 Arkusz danych(HTML) 1 Page - Glenair, Inc.

  900-016NF25-1P1 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
D-8
V THREAD
1.938
MAX
ØQ
THREAD
A
DUST COVER INCLUDED
DUST COVER
INCLUDED
CONNECTOR ASSEMBLY,
PLUG, MIL-C-28840,
900-016
3
MILITARY P/N: M28840/16
BASIC PART NUMBER
SHELL SIZE (TABLE I)
NF
A
25
-
G
1
1
P
P
1
1
CLASS CODE (SEE MIL-C-28840)
CONTACT STYLE (SEE MIL-C-28840)
KEY POSITION (SEE MIL-C-28840)
INSERT ARRANGEMENT (SEE MIL-C-28840)
GLENAIR P/N:
900-016
HOW TO ORDER:
3 GLENAIR NF = CLASS A
GLENAIR ZU = CLASS B
1. INTERPRET PER MIL-STD-100.
2. SEE MIL-C-28840 FOR ADDITIONAL
DESIGN DETAILS.
NOTES:
2 1/16-16 UNS
1 7/8-16 UN
1 9/16-18 UNEF
1 7/16-18 UNEF
1 1/4-18 UNEF
1 1/8-18 UNEF
1-20 UNEF
7/8-20 UNEF
3/4-20 UNEF
THREAD
CLASS 2A
V
SHELL
SIZE
A
ØQ
THREAD
CLASS 2B
MAX.
11
.750-.1P-.2L-D.S.
1.028 (26.1)
13
.875-.1P-.2L-D.S.
1.141 (29.0)
15
1.062-.1P-.2L-D.S.
1.263 (32.1)
17
1.125-.1P-.2L-D.S.
1.387 (35.2)
19
1.312-.1P-.2L-D.S.
1.513 (38.4)
23
1.500-.1P-.2L-D.S.
1.703 (43.3)
25
1.625-.1P-.2L-D.S.
1.825 (46.4)
29
1.812-.1P-.2L-D.S.
2.143 (54.4)
33
2.000-.1P-.2L-D.S.
2.329 (59.2)
TABLE I: CONNECTOR DIMENSIONS
900-016
Connector Assembly, Plug,
MIL-C-28840/16


Podobny numer części - 900-016NF25-1P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Glenair, Inc.
900-010NF25-1P1 GLENAIR-900-010NF25-1P1 Datasheet
244Kb / 1P
   Receptacle, Flange Mount
900-011NF25-1P1 GLENAIR-900-011NF25-1P1 Datasheet
240Kb / 1P
   Receptacle, Cable Connecting
900-012NF225-1P1 GLENAIR-900-012NF225-1P1 Datasheet
288Kb / 2P
   Receptacle, Flange Mount
900-014NF25-1P1 GLENAIR-900-014NF25-1P1 Datasheet
309Kb / 2P
   Receptacle, Jam-Nut Mount
More results

Podobny opis - 900-016NF25-1P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Glenair, Inc.
220-06E10 GLENAIR-220-06E10 Datasheet
420Kb / 1P
   Cable Connector Plug Assembly
901-017NF25-1P1 GLENAIR-901-017NF25-1P1 Datasheet
231Kb / 1P
   Connector Assembly, Plug and Adapter
logo
Qualtek Electronics Cor...
704-00-00 QUALTEK-704-00-00 Datasheet
302Kb / 1P
   REWIRABLE PLUG ASSEMBLY
709-00-00 QUALTEK-709-00-00 Datasheet
303Kb / 1P
   REWIRABLE PLUG ASSEMBLY
712-00-00 QUALTEK-712-00-00 Datasheet
349Kb / 1P
   REWIRABLE PLUG ASSEMBLY
logo
Glenair, Inc.
901-019NF25-1P1 GLENAIR-901-019NF25-1P1 Datasheet
230Kb / 1P
   Plug, Adapter Assembly
logo
Qualtek Electronics Cor...
7040000 QUALTEK-7040000 Datasheet
303Kb / 1P
   REWIRABLE PLUG ASSEMBLY
logo
Glenair, Inc.
ITS-3108-A-PG GLENAIR-ITS-3108-A-PG Datasheet
287Kb / 2P
   Cylindrical Plug Assembly
ITS-3108-A-PHM GLENAIR-ITS-3108-A-PHM Datasheet
226Kb / 2P
   Cylindrical Plug Assembly
logo
Qualtek Electronics Cor...
7050000 QUALTEK-7050000 Datasheet
349Kb / 1P
   REWIRABLE PLUG ASSEMBLY
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com