Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM42-0002 Arkusz danych(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Numer części AM42-0002
Szczegółowy opis  GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0002 Arkusz danych(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  AM42-0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
GaAs MMIC VSAT Power Amplifier, 1.4 W
14.0 - 14.5 GHz
Rev. V6
AM42-0002
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Lead-Free CR-15
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Podobny numer części - AM42-0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM42-0002 MACOM-AM42-0002 Datasheet
134Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results

Podobny opis - AM42-0002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com