Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM50-0004 Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części AM50-0004
Szczegółowy opis  High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM50-0004 Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AM50-0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V7
AM50-0004
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Cross Section View
The AM50-0004SMB Designer’s Kit allows for immediate evaluation of M/A-COM’s AM50-0004. The Designer’s
Kit includes an AM50-0004 mounted on an evaluation board and five loose AM50-0004’s. The evaluation board
consists of the recommended external surface mount circuitry, RF connectors, and a DC multi-pin connector, all
mounted to a multi-layer FR-4 PCB. The AM50-0004SMB evaluation PCB is illustrated below with all functional
ports labeled.
Designer’s Kit AM50-0004SMB
Evaluation PCB & RF Connector Losses
Port Reference
Approximate RF Loss
RF In
0.15 dB @ 1785 MHz
RF Out
0.15 dB @ 1785 MHz
Recommended PCB Configuration
Layout View
AM50-0004 Evaluation Board
The DC connector on the Designer’s Kit PCB allows convenient
DC line access. This is accomplished by one or more of the
following methods:
A.) A mating female multi-pin connector
(Newark Electronics Stock # 46F-4658, not included).
B.) Wires soldered to the necessary pins (not included).
C.) Clip leads (not included).
The PCB dielectric between RF traces and RF ground
layers should be chosen to reduce RF discontinuities
between 50
Ω lines and package pins. M/A-COM rec-
ommends an FR-4 dielectric thickness of 0.008” (0.20
mm) yielding a 50
Ω line width of 0.015” (0.38 mm).
The recommended RF metalization thickness is 1
ounce copper.


Podobny numer części - AM50-0004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0004 MACOM-AM50-0004 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
AM50-0004RTR MACOM-AM50-0004RTR Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0004SMB MACOM-AM50-0004SMB Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0004SMB MACOM-AM50-0004SMB Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results

Podobny opis - AM50-0004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com