Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5292BRUZ-20 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD5292BRUZ-20
Szczegółowy opis  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5292BRUZ-20 Arkusz danych(HTML) 2 Page - Analog Devices

  AD5292BRUZ-20 Datasheet HTML 1Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 2Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 3Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 4Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 5Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 6Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 7Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 8Page - Analog Devices AD5292BRUZ-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—AD5291 .......................................... 3
 
Resistor Performance Mode Code Range—AD5291............... 4
 
Electrical Characteristics—AD5292 .......................................... 5
 
Resistor Performance Mode Code Range—AD5292............... 6
 
Interface Timing Specifications.................................................. 7
 
Timing Diagrams.......................................................................... 8
 
Absolute Maximum Ratings............................................................ 9
 
Thermal Resistance ...................................................................... 9
 
ESD Caution.................................................................................. 9
 
Pin Configuration and Function Descriptions........................... 10
 
Typical Performance Characteristics ........................................... 11
 
Test Circuits..................................................................................... 17
 
Theory of Operation ...................................................................... 18
 
Serial Data Interface................................................................... 18
 
Shift Register ............................................................................... 18
 
RDAC Register............................................................................ 18
 
20-TP Memory ........................................................................... 19
 
Write Protection ......................................................................... 19
 
Basic Operation .......................................................................... 20
 
20-TP Readback and Spare Memory Status ........................... 20
 
Shutdown Mode ......................................................................... 21
 
Resistor Performance Mode...................................................... 21
 
Reset ............................................................................................. 21
 
Daisy-Chain Operation ............................................................. 21
 
RDAC Architecture.................................................................... 21
 
Programming the Variable Resistor......................................... 21
 
Programming the Potentiometer Divider............................... 22
 
EXT_CAP Capacitor.................................................................. 22
 
Terminal Voltage Operating Range ......................................... 23
 
Applications Information .............................................................. 24
 
High Voltage DAC...................................................................... 24
 
Programmable Voltage Source with Boosted Output ........... 24
 
High Accuracy DAC .................................................................. 24
 
Variable Gain Instrumentation Amplifier .............................. 24
 
Audio Volume Control .............................................................. 25
 
Outline Dimensions ....................................................................... 26
 
Ordering Guide .......................................................................... 26
 
REVISION HISTORY
5/09—Revision 0: Initial Version


Podobny numer części - AD5292BRUZ-20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-20 AD-AD5292BRUZ-20 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-20-RL7 AD-AD5292BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

Podobny opis - AD5292BRUZ-20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com