Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5750 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5750
Szczegółowy opis  Industrial Current/Voltage Output Driver with Programmable Ranges
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5750 Arkusz danych(HTML) 3 Page - Analog Devices

  AD5750_09 Datasheet HTML 1Page - Analog Devices AD5750_09 Datasheet HTML 2Page - Analog Devices AD5750_09 Datasheet HTML 3Page - Analog Devices AD5750_09 Datasheet HTML 4Page - Analog Devices AD5750_09 Datasheet HTML 5Page - Analog Devices AD5750_09 Datasheet HTML 6Page - Analog Devices AD5750_09 Datasheet HTML 7Page - Analog Devices AD5750_09 Datasheet HTML 8Page - Analog Devices AD5750_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD5750/AD5750-1
Rev. A | Page 3 of 36
FUNCTIONAL BLOCK DIAGRAM
CLEAR
VSENSE+
VOUT
VSENSE–
REXT1
IOUT
DVCC GND
AVDD GND
COMP1 COMP2
AD2/R1*
AD1/R2*
AD0/R3*
AVSS
CLRSEL
HW SELECT
VIN
VREF
SCLK/OUTEN*
SDIN/R0*
SYNC/RSET*
SDO/VFAULT*
INPUT SHIFT
REGISTER
AND
CONTROL
LOGIC
STATUS
REGISTER
VOUT RANGE
SCALING
IOUT RANGE
SCALING
VOUT
SHORT FAULT
POWER-
ON RESET
FAULT/TEMP*
NC/IFAULT*
OVERTEMP
VOUT SHORT FAULT
IOUT OPEN FAULT
RESET
RSET
Vx**
VSS
VDD
R2
R3
REXT2
IOUT
OPEN FAULT
AD5750/AD5750-1
* DENOTES SHARED PIN. SOFTWARE MODE DENOTED BY REGULAR TEXT, HARDWARE MODE
DENOTED BY ITALIC TEXT. FOR EXAMPLE, FOR FAULT/TEMP PIN, IN SOFTWARE MODE, THIS
PIN TAKES ON FAULT FUNCTION. IN HARDWARE MODE, THIS PIN TAKES ON TEMP FUNCTION.
** Vx IS AN INTERNAL BIAS VOLTAGE (CAN BE GROUND OR OTHER VOLTAGE) THAT IS USED
TO GENERATE THE INTERNAL SENSE CURRENTS NEEDED FOR THE CURRENT OUTPUTS.
Figure 1.


Podobny numer części - AD5750_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5750-1 AD-AD5750-1 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ AD-AD5750-1ACPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ-REEL AD-AD5750-1ACPZ-REEL Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1ACPZ-REEL7 AD-AD5750-1ACPZ-REEL7 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5750-1BCPZ AD-AD5750-1BCPZ Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
More results

Podobny opis - AD5750_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5749 AD-AD5749 Datasheet
393Kb / 28P
   Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
REV. 0
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com