Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1633BRUZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADG1633BRUZ
Szczegółowy opis  4.5RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1633BRUZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADG1633BRUZ Datasheet HTML 6Page - Analog Devices ADG1633BRUZ Datasheet HTML 7Page - Analog Devices ADG1633BRUZ Datasheet HTML 8Page - Analog Devices ADG1633BRUZ Datasheet HTML 9Page - Analog Devices ADG1633BRUZ Datasheet HTML 10Page - Analog Devices ADG1633BRUZ Datasheet HTML 11Page - Analog Devices ADG1633BRUZ Datasheet HTML 12Page - Analog Devices ADG1633BRUZ Datasheet HTML 13Page - Analog Devices ADG1633BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG1633/ADG1634
Rev. 0 | Page 10 of 20
1
2
3
4
5
6
8
20
19
18
17
16
15
13
S1A
D1
S1B
7
S2B
GND
VSS
IN1
S4A
D4
S4B
14
S3B
9
S2A
12
S3A
10
IN2
11
IN3
D2
D3
NC
VDD
IN4
ADG1634
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 6. ADG1634 TSSOP Pin Configuration
PIN 1
INDICATOR
1
D1
2
S1B
3
VSS
4
GND
5
S2B
13 VDD
14 S4B
15 D4
NOTES
1. EXPOSED PAD IS TIED TO THE SUBSTRATE, VSS.
12 S3B
11 D3
TOP VIEW
(Not to Scale)
ADG1634
Figure 7. ADG1634 LFCSP_VQ Pin Configuration
Table 10. ADG1634 Pin Function Descriptions
Pin No.
Mnemonic
Description
TSSOP
LFCSP_VQ
1
19
IN1
Logic Control Input 1.
2
20
S1A
Source Terminal 1A. Can be an input or an output.
3
1
D1
Drain Terminal 1. Can be an input or an output.
4
2
S1B
Source Terminal 1B. Can be an input or an output.
5
3
VSS
Most Negative Power Supply Potential. In single-supply applications, this pin can be connected to ground.
6
4
GND
Ground (0 V) Reference.
7
5
S2B
Source Terminal 2B. Can be an input or an output.
8
6
D2
Drain Terminal 2. Can be an input or an output.
9
7
S2A
Source Terminal 2A. Can be an input or an output.
10
8
IN2
Logic Control Input 2.
11
9
IN3
Logic Control Input 3.
12
10
S3A
Source Terminal 3A. Can be an input or an output.
13
11
D3
Drain Terminal 3. Can be an input or an output.
14
12
S3B
Source Terminal 3B. Can be an input or an output.
15
N/A
NC
No Connect.
16
13
VDD
Most Positive Power Supply Potential.
17
14
S4B
Source Terminal 4B. Can be an input or an output.
18
15
D4
Drain Terminal 4. Can be an input or an output.
19
16
S4A
Source Terminal 4A. Can be an input or an output.
20
17
IN4
Logic Control Input 4.
N/A
18
EN
Active Low Digital Input. When this pin is high, the device is disabled and all switches are off. When
this pin is low, INx logic inputs determine the on switches.
N/A
21
EP
Exposed Pad. The exposed pad is tied to the substrate, VSS.
Table 11. ADG1634 TSSOP Truth Table
INx
SxA
SxB
0
Off
On
1
On
Off
Table 12. ADG1634 LFCSP_VQ Truth Table
EN
INx
SxA
SxB
1
X1
Off
Off
0
0
Off
On
0
1
On
Off
1 X = don’t care.


Podobny numer części - ADG1633BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1634LYCPZ-REEL7 AD-ADG1634LYCPZ-REEL7 Datasheet
873Kb / 22P
   4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1636BCPZ-REEL AD-ADG1636BCPZ-REEL Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
ADG1636BCPZ-REEL7 AD-ADG1636BCPZ-REEL7 Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
More results

Podobny opis - ADG1633BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG619 AD-ADG619_07 Datasheet
365Kb / 16P
   CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
REV. C
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com