Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1609BCPZ-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADG1609BCPZ-REEL7
Szczegółowy opis  4.5RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1609BCPZ-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  ADG1609BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1609BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG1608/ADG1609
Rev. 0 | Page 4 of 20
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
4
Ω typ
VS = 0 V to 10 V, IS = −10 mA; see Figure 25
4.5
6.5
7.5
Ω max
VDD = 10.8 V, VSS = 0 V
On-Resistance Match Between Channels (∆RON)
0.12
Ω typ
VS = 10 V, IS = −10 mA
0.25
0.3
0.35
Ω max
On-Resistance Flatness (RFLAT(ON))
0.9
Ω typ
VS = 0 V to 10 V, IS = −10 mA
1.2
1.6
1.9
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 26
±0.1
±0.5
±3
nA max
Drain Off Leakage, ID (Off)
±0.03
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 26
ADG1608
±0.15
±2
±14
nA max
ADG1609
±0.15
±1
±7
nA max
Channel On Leakage, ID, IS (On)
±0.03
nA typ
VS = VD = 1 V or 10 V; see Figure 27
±0.15
±2
±14
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
±1
nA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
113
ns typ
RL = 300 Ω, CL = 35 pF
141
172
196
ns max
VS = 8 V; see Figure 28
tON (EN)
80
ns typ
RL = 300 Ω, CL = 35 pF
94
101
110
ns max
VS = 8 V; see Figure 30
tOFF (EN)
77
ns typ
RL = 300 Ω, CL = 35 pF
93
117
140
ns max
VS = 8 V; see Figure 30
Break-Before-Make Time Delay, tD
47
ns typ
RL = 300 Ω, CL = 35 pF
30
ns min
VS1 = VS2 = 8 V; see Figure 29
Charge Injection
29
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 31
Off Isolation
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 32
Channel-to-Channel Crosstalk
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 34
Total Harmonic Distortion + Noise (THD + N)
0.04
% typ
RL = 110 Ω, VS = 5 V p-p, f = 20 Hz to 20 kHz; see Figure 35
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF; see Figure 33
ADG1608
40
MHz typ
ADG1609
78
MHz typ
CS (Off)
19
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
ADG1608
117
pF typ
VS = 6 V, f = 1 MHz
ADG1609
59
pF typ
VS = 6 V, f = 1 MHz
CD, CS (On)
ADG1608
149
pF typ
VS = 6 V, f = 1 MHz
ADG1609
84
pF typ
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 12 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
ADG1608
300
μA typ
Digital inputs = 5 V
480
μA max
ADG1609
225
μA typ
Digital inputs = 5 V
360
μA max
VDD
3.3/16
V min/max
1 Guaranteed by design, but not subject to production test.


Podobny numer części - ADG1609BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL AD-ADG1604BCPZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BCPZ-REEL7 AD-ADG1604BCPZ-REEL7 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ AD-ADG1604BRUZ Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1604BRUZ-REEL AD-ADG1604BRUZ-REEL Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
More results

Podobny opis - ADG1609BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1606 AD-ADG1606 Datasheet
522Kb / 24P
   4.5 廓 RON, 16-Channel, Differential 8-Channel, 짹5 V,12 V,5 V, and 3.3 V Multiplexers
REV. 0
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG658 AD-ADG658_09 Datasheet
452Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
REV. B
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
   SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1604 AD-ADG1604 Datasheet
500Kb / 20P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
REV. 0
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com