Zakładka z wyszukiwarką danych komponentów |
|
ADL5380-29A-EVALZ Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADL5380-29A-EVALZ Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 36 page ADL5380 Rev. 0 | Page 3 of 36 SPECIFICATIONS VS = 5 V, TA = 25°C, fLO = 900 MHz, fIF = 4.5 MHz, PLO = 0 dBm, ZO = 50 Ω, unless otherwise noted. Baseband outputs differentially loaded with 450 Ω. Loss of the balun used to drive the RF port was de-embedded from these measurements. Table 1. Parameter Condition Min Typ Max Unit OPERATING CONDITIONS LO and RF Frequency Range 0.4 6 GHz LO INPUT LOIP, LOIN Input Return Loss LO driven differentially through a balun at 900 MHz −10 dB LO Input Level −6 0 +6 dBm I/Q BASEBAND OUTPUTS QHI, QLO, IHI, ILO Voltage Conversion Gain 450 Ω differential load on I and Q outputs at 900 MHz 6.9 dB 200 Ω differential load on I and Q outputs at 900 MHz 5.9 dB Demodulation Bandwidth 1 V p-p signal, 3 dB bandwidth 390 MHz Quadrature Phase Error At 900 MHz 0.2 Degrees I/Q Amplitude Imbalance 0.07 dB Output DC Offset (Differential) 0 dBm LO input at 900 MHz ±10 mV Output Common Mode Dependent on ADJ pin setting VADJ ~ 4 V (set by 1.5 kΩ from ADJ pin to VS) VS − 2.5 V VADJ ~ 4.8 V (set by 200 Ω from ADJ pin to VS) VS − 2.8 V VADJ ~ 2.4 V (ADJ pin open) VS − 1.2 V 0.1 dB Gain Flatness 37 MHz Output Swing Differential 200 Ω load 2 V p-p Peak Output Current Each pin 12 mA POWER SUPPLIES VS = VCC1, VCC2, VCC3 Voltage 4.75 5.25 V Current 1.5 kΩ from ADJ pin to VS; ENBL pin low 245 mA 1.5 kΩ from ADJ pin to VS; ENBL pin high 145 mA ENABLE FUNCTION Pin ENBL Off Isolation −70 dB Turn-On Settling Time ENBL high to low 45 ns Turn-Off Settling Time ENBL low to high 950 ns ENBL High Level (Logic 1) 2.5 V ENBL Low Level (Logic 0) 1.7 V DYNAMIC PERFORMANCE at RF = 900 MHz VADJ ~ 4 V (set by 1.5 kΩ from ADJ pin to VS) Conversion Gain 6.9 dB Input P1dB 11.6 dBm RF Input Return Loss RFIP, RFIN driven differentially through a balun −19 dB Second-Order Input Intercept (IIP2) −5 dBm each input tone 68 dBm Third-Order Input Intercept (IIP3) −5 dBm each input tone 29.7 dBm LO to RF RFIN, RFIP terminated in 50 Ω −52 dBm RF to LO LOIN, LOIP terminated in 50 Ω −67 dBc IQ Magnitude Imbalance 0.07 dB IQ Phase Imbalance 0.2 Degrees Noise Figure 10.9 dB Noise Figure Under Blocking Conditions With a −5 dBm input interferer 5 MHz away 13.1 dB |
Podobny numer części - ADL5380-29A-EVALZ |
|
Podobny opis - ADL5380-29A-EVALZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |