Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM12914-1ARQZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADM12914-1ARQZ
Szczegółowy opis  짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM12914-1ARQZ Arkusz danych(HTML) 2 Page - Analog Devices

  ADM12914-1ARQZ Datasheet HTML 1Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 2Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 3Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 4Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 5Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 6Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 7Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 8Page - Analog Devices ADM12914-1ARQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM12914
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ........................... 5
 
Typical Performance Characteristics ............................................. 7
 
Theory of Operation ........................................................................ 9
 
Voltage Supervision...................................................................... 9
 
Polarity Configuration................................................................. 9
 
Monitoring Pin Connections.................................................... 10
 
Threshold Accuracy ................................................................... 10
 
Voltage Monitoring Example.....................................................11
 
Power
-Up and Power-Down..................................................... 12 
UV/OV Timing Characteristics ............................................... 12
 
Timer Capacitor Selection ........................................................ 12
 
UV and OV Rise and Fall Time................................................ 13
 
UV/OV OUTPUT Characteristics........................................... 13
 
Glitch Immunity......................................................................... 13
 
Undervoltage Lockout (UVLO) ............................................... 13
 
Shunt Regulator .......................................................................... 13
 
OV Latch (ADM12914-1) ......................................................... 13
 
Disable (ADM12914-2) ............................................................. 13
 
Typical Applications ....................................................................... 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
9/09—Revision 0: Initial Version


Podobny numer części - ADM12914-1ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ AD-ADM1293-1AACPZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ-RL7 AD-ADM1293-1AACPZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ AD-ADM1293-1AARUZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ-RL7 AD-ADM1293-1AARUZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
More results

Podobny opis - ADM12914-1ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
   Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
   Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
LTC2962 AD-LTC2962 Datasheet
1Mb / 20P
   Accurate Quad Configurable Supervisor
logo
Linear Technology
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com