Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM12914-1ARQZ-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM12914-1ARQZ-RL7
Szczegółowy opis  짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM12914-1ARQZ-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM12914-1ARQZ-RL7 Datasheet HTML 4Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 5Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 6Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 7Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 8Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 9Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 10Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 11Page - Analog Devices ADM12914-1ARQZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM12914
Rev. 0 | Page 8 of 16
14
13
12
11
10
9
8
7
TEMPERATURE (°C)
–40 –25 –10
125
110
95
80
65
50
35
20
5
Figure 10. UV/OV Timeout Period vs. Temperature
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
SUPPLY VOLTAGE, VCC (V)
WITH 10kΩ PULL-UP
WITHOUT PULL-UP
Figure 11. UV Output Voltage vs. VCC
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
01
2
3
4
SUPPLY VOLTAGE, VCC (V)
5
VHx = 0.55V
SEL = VCC
Figure 12. UV Output Voltage vs. VCC
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
01
2
3
4
5
6
SUPPLY VOLTAGE, VCC (V)
VHx = 0.45V
SEL = VCC
UV = 150mV
UV = 50mV
Figure 13. ISINK,
IUV vs. VCC
1000
900
800
700
600
500
400
300
200
100
0
05
10
ISINK (mA)
15
+85°C
+25°C
– 40°C
Figure 14. UV/OV Voltage Output Low vs. Output Sink Current
10k
1k
100
10
1
0.1
1
10
100
1000
TIMER PIN CAPACITANCE CTIMER (nF)
Figure 15. UV/OV Timeout Period vs. Capacitance


Podobny numer części - ADM12914-1ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ AD-ADM1293-1AACPZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AACPZ-RL7 AD-ADM1293-1AACPZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ AD-ADM1293-1AARUZ Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADM1293-1AARUZ-RL7 AD-ADM1293-1AARUZ-RL7 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
More results

Podobny opis - ADM12914-1ARQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
   Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
logo
Linear Technology
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
EVAL-ADM1184 AD-EVAL-ADM1184 Datasheet
287Kb / 8P
   Evaluation Kit for ADM1184 짹0.8% Accurate Quad Voltage Monitor
REV. 0
LTC2962 AD-LTC2962 Datasheet
1Mb / 20P
   Accurate Quad Configurable Supervisor
logo
Linear Technology
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com