Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1491EBRMZ-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM1491EBRMZ-REEL7
Szczegółowy opis  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRMZ-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  ADM1491EBRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM1490E/ADM1491E
Rev. B | Page 4 of 16
TIMING SPECIFICATIONS
TA = −40°C to +85°C.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DRIVER
Maximum Data Rate
16
Mbps
Propagation Delay
tDPLH, tDPHL
11
17
ns
RL = 54 Ω, CL = 100 pF, see Figure 23 and Figure 3
Driver Output Skew
tSKEW
0.5
2
ns
RL = 54 Ω, CL = 100 pF, see Figure 23 and Figure 3,
tSKEW = |tDPLH − tDPHL|
Rise Time/Fall Time
tDR, tDF
8
15
ns
RL = 54 Ω, CL = 100 pF, see Figure 23 and Figure 3
Enable Time
tZH, tZL
20
ns
RL = 110 Ω, CL = 50 pF, see Figure 24 and Figure 5
Disable Time
tHZ, tLZ
20
ns
RL = 110 Ω, CL = 50 pF, see Figure 24 and Figure 5
RECEIVER
Propagation Delay
tPLH, tPHL
12
20
ns
CL = 15 pF, see Figure 25 and Figure 4
Skew |tPLH − tPHL|
tSKEW
0.4
2
ns
CL = 15 pF, see Figure 25 and Figure 4
Enable Time
tZH, tZL
13
ns
RL = 1 kΩ, CL = 15 pF, see Figure 26 and Figure 6
Disable Time
tHZ, tLZ
13
ns
RL = 1 kΩ, CL = 15 pF, see Figure 26 and Figure 6
Timing Diagrams
Switching Characteristics
Z
Y
VCC/2
VCC/2
tDPLH
tDPHL
1/2VO
VO
90% POINT
10% POINT
10% POINT
90% POINT
VDIFF = V(Y) – V(Z)
tDR
tDF
–VO
VDIFF
+VO
0V
VCC
DE
Y, Z
Y, Z
VCC
0V
0V
VOL
VOH
0.5VCC
0.5VCC
tZL
tLZ
tZH
tHZ
VOL + 0.5V
VOH – 0.5V
2.3V
2.3V
Figure 5. Driver Enable/Disable Timing
Figure 3. Driver Propagation Delay Rise/Fall Timing
A – B
RO
0V
0V
1.5V
1.5V
VOH
VOL
tPLH
tPHL
tSKEW =|tPLH tPHL|
OUTPUT LOW
OUTPUT HIGH
1.5V
1.5V
RO
RO
RE
0V
0.7VCC
0.3VCC
VOL
VOH
0.5VCC
0.5VCC
tZL
tLZ
tZH
tHZ
VOL + 0.5V
VOH –0.5V
Figure 6. Receiver Enable/Disable Timing
Figure 4. Receiver Propagation Delay Timing


Podobny numer części - ADM1491EBRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Podobny opis - ADM1491EBRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com