Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1491EBRMZ-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM1491EBRMZ-REEL7
Szczegółowy opis  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRMZ-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM1491EBRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1490E/ADM1491E
Rev. B | Page 8 of 16
Figure 16. Output Current vs. Driver Output Low Voltage
Figure 17. Output Current vs. Driver Output High Voltage
Figure 18. Output Current vs. Temperature
Figure 19. Unloaded Driver Differential Outputs
Figure 20. Loaded Driver Differential Outputs
(RL Differential = 54 Ω, CL = 100 pF)
OUTPUT VOLTAGE (V)
80
70
30
60
40
50
0
10
20
01.5
1.0
0.5
2.5
2.0
3.5
3.0
4.0
OUTPUT VOLTAGE (V)
0
–10
–50
–20
–40
–30
–80
–70
–60
01.5
1.0
0.5
3.0
2.5
2.0
4.5
4.0
3.5
5.0
TEMPERATURE (°C)
1.30
1.25
1.00
1.20
1.05
1.10
1.15
0.80
0.85
0.90
0.95
–50
–25
25
07
50
85
CH3 2V
CH2 2V
CH1 5V
M200ns
A CH1
1.6V
3
1
CH3 2V
CH2 2V
CH1 5V
M200ns
A CH1
1.6V
3
1
5
DRIVER ENABLED
DRIVER DISABLED


Podobny numer części - ADM1491EBRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

Podobny opis - ADM1491EBRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com