Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4665ARUZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADN4665ARUZ
Szczegółowy opis  3 V, LVDS, Quad, CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4665ARUZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADN4665ARUZ Datasheet HTML 4Page - Analog Devices ADN4665ARUZ Datasheet HTML 5Page - Analog Devices ADN4665ARUZ Datasheet HTML 6Page - Analog Devices ADN4665ARUZ Datasheet HTML 7Page - Analog Devices ADN4665ARUZ Datasheet HTML 8Page - Analog Devices ADN4665ARUZ Datasheet HTML 9Page - Analog Devices ADN4665ARUZ Datasheet HTML 10Page - Analog Devices ADN4665ARUZ Datasheet HTML 11Page - Analog Devices ADN4665ARUZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN4665
Rev. 0 | Page 9 of 12
THEORY OF OPERATION
The ADN4665 is a quad line driver for low voltage differential
signaling. It takes a single-ended 3 V logic signal and converts
it to a differential current output. The data can then be trans-
mitted for considerable distances, over media such as a twisted pair
cable or PCB backplane, to an LVDS receiver such as the ADN4666,
where it develops a voltage across a termination resistor, RT. This
resistor is chosen to match the characteristic impedance of the
medium, typically around 100 Ω. The differential voltage is
detected by the receiver and converted back into a single-ended
logic signal.
When DINx is high (Logic 1), current flows out of the DOUTx+
pin (current source) through RT and back into the DOUTx− pin
(current sink). At the receiver, this current develops a positive
differential voltage across RT (with respect to the inverting input)
and results in a Logic 1 at the receiver output. When DINx is low,
DOUTx+ sinks current and DOUTx− sources current; a negative dif-
ferential voltage across RT results in a Logic 0 at the receiver output.
The output drive current is between ±2.5 mA and ±4.5 mA
(typically ±3.5 mA), developing between ±250 mV and ±450 mV
across a 100 Ω termination resistor. The received voltage is centered
around the receiver offset of 1.25 V. Therefore, the noninverting
receiver input is typically 1.375 V (that is, 1.2 V + [350 mV/2]) and
the inverting receiver input is 1.025 V (that is, 1.2 V − [350 mV/2])
for Logic 1. For Logic 0, the inverting and noninverting output
voltages are reversed. Note that because the differential voltage
reverses polarity, the peak-to-peak voltage swing across RT is
twice the differential voltage.
Current-mode drivers offer considerable advantages over voltage-
mode drivers such as RS-422 drivers. The operating current
remains fairly constant with increased switching frequency,
whereas the operating current of voltage-mode drivers increases
exponentially in most cases. This is caused by the overlap current as
internal gates switch between high and low, which causes currents
to flow from the device power supply to ground. A current-mode
device simply reverses a constant current between its two outputs,
with no significant overlap currents.
This is similar to emitter-coupled logic (ECL) and positive
emitter-coupled logic (PECL), but without the high quiescent
current of ECL and PECL.
ENABLE INPUTS
The active high and active low enable inputs deactivate all the
current drivers when the drivers are in the disabled state. This
also powers down the device and reduces the current consumption
from typically 23 mA to typically 2.6 mA. A truth table for the
enable inputs is shown in Table 5.
Table 5. Enable Inputs Truth Table
Pin Logic Level
EN
EN
DINx
DOUTx+
DOUTx−
Low
High
X1
Inactive
Inactive
Low
Low
Low
ISINK
ISOURCE
Low
Low
High
ISOURCE
ISINK
High
Low
Low
ISINK
ISOURCE
High
Low
High
ISOURCE
ISINK
1 X = don’t care.
APPLICATIONS INFORMATION
Figure 10 shows a typical application for point-to-point data
transmission using the ADN4665 as the driver.
RECEIVER
1/4 ADN4665
EN
EN
DOUTx+
DOUTx–
ROUTy
DINx
RINy+
RINy–
GND
GND
RT
100
EN
EN
Figure 10. Typical Application Circuit


Podobny numer części - ADN4665ARUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4665 AD-ADN4665 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
More results

Podobny opis - ADN4665ARUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Driver
REV. 0
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com