Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM6401 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADuM6401
Szczegółowy opis  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM6401 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADuM6401 Datasheet HTML 2Page - Analog Devices ADuM6401 Datasheet HTML 3Page - Analog Devices ADuM6401 Datasheet HTML 4Page - Analog Devices ADuM6401 Datasheet HTML 5Page - Analog Devices ADuM6401 Datasheet HTML 6Page - Analog Devices ADuM6401 Datasheet HTML 7Page - Analog Devices ADuM6401 Datasheet HTML 8Page - Analog Devices ADuM6401 Datasheet HTML 9Page - Analog Devices ADuM6401 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 6 of 24
Table 9. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VISO or 0.7 VDD1
V
Logic Low Input Threshold
VIL
0.3 VISO or 0.3 VDD1
V
Logic High Output Voltages
VOH
VDD1 − 0.2 or VISO − 0.2
3.3
V
IOx = −20 μA, VIx = VIxH
VDD1 − 0.5 or VISO − 0.5
3.1
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
Undervoltage Lockout
VDD1, VDDL, VISO supply
Positive Going Threshold
VUV+
2.7
V
Negative Going Threshold
VUV−
2.4
V
Hysterisis
VUVH
0.3
V
Input Currents per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDX
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/μs
VIx = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 × VDD1 or 0.8 × VISO for a high input or VO < 0.8 × VDD1 or 0.8 × VISO for
a low input. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.
ELECTRICAL CHARACTERISTICS—5 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDD1 = 5.0 V, VISO = 3.3 V, VSEL = GNDISO. Minimum/maximum specifications apply over the
entire recommended operation range which is 4.5 V ≤ VDD1 ≤ 5.5 V, 3.0 V ≤ VISO ≤ 3.6 V; and −40°C ≤ TA ≤ +105°C, unless otherwise
noted. Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 10. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.0
3.3
3.6
V
IISO = 0 mA
Line Regulation
VISO (LINE)
1
mV/V
IISO = 50 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
VISO (LOAD)
1
5
%
IISO = 6 mA to 54 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 μF||10 μF, IISO = 90 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 μF||10 μF, IISO = 90 mA
Switching Frequency
fOSC
180
MHz
PW Modulation Frequency
fPWM
625
kHz
Output Supply
IISO (MAX)
100
mA
VISO > 3 V
Efficiency at IISO (MAX)
30
%
IISO = 90 mA
IDD1, No VISO Load
IDD1 (Q)
14
20
mA
IDD1, Full VISO Load
IDD1 (MAX)
230
mA


Podobny numer części - ADuM6401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6401 AD-ADUM6401 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6401ARIZ AD-ADUM6401ARIZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6401ARWZ AD-ADUM6401ARWZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6401CRIZ AD-ADUM6401CRIZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6401CRWZ AD-ADUM6401CRWZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

Podobny opis - ADuM6401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com