Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM4400BRWZ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADuM4400BRWZ
Szczegółowy opis  5 kV RMS Quad-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM4400BRWZ Arkusz danych(HTML) 3 Page - Analog Devices

  ADuM4400BRWZ Datasheet HTML 1Page - Analog Devices ADuM4400BRWZ Datasheet HTML 2Page - Analog Devices ADuM4400BRWZ Datasheet HTML 3Page - Analog Devices ADuM4400BRWZ Datasheet HTML 4Page - Analog Devices ADuM4400BRWZ Datasheet HTML 5Page - Analog Devices ADuM4400BRWZ Datasheet HTML 6Page - Analog Devices ADuM4400BRWZ Datasheet HTML 7Page - Analog Devices ADuM4400BRWZ Datasheet HTML 8Page - Analog Devices ADuM4400BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADuM4400/ADuM4401/ADuM4402
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ 105°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 1.
Parameter
Symbol
A Grade
B Grade
C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
10
90
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
50
65
100
20
32
50
18
27
32
ns
50% input to 50% output
Pulse Width Distortion
PWD
40
3
0.5
2
ns
|tPLH − tPHL|
Change vs. Temperature
11
5
3
ps/°C
Pulse Width
PW
1000
100
8.3
11.1
ns
Within PWD limit
Propagation Delay Skew
tPSK
50
15
10
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
50
3
2
ns
Opposing-Direction
tPSKOD
50
6
5
ns
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier.
Table 2.
Parameter
Symbol
1 Mbps—A, B, C Grades
10 Mbps—B, C Grades
90 Mbps—C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM4400
IDD1
2.9
3.5
9.0
11.6
72
100
mA
IDD2
1.2
1.9
3.0
5.5
19
36
mA
ADuM4401
IDD1
2.5
3.2
7.4
10.6
59
82
mA
IDD2
1.6
2.4
4.4
6.5
32
46
mA
ADuM4402
IDD1
2.0
2.8
6.0
7.5
51
62
mA
IDD2
2.0
2.8
6.0
7.5
51
62
mA
Table 3. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
2.0
V
Logic Low Input Threshold
VIL
0.8
V
Logic High Output Voltage
VOH
VDDx − 0.1
VDDx − 0.4
5.0
4.8
V
V
IOx = −20 μA, VIx = VIxH
IOx = −4 mA, VIx = VIxH
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VI x ≤ VDDx
Supply Current per Channel
Quiescent Input Supply Current
IDDI(Q)
0.57
0.83
mA
Quiescent Output Supply Current
IDDO(Q)
0.23
0.35
mA
Dynamic Input Supply Current
IDDI(D)
0.20
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.05
mA/Mbps
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity1
|CM|
25
35
kV/μs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
Output Disable Propagation Delay
tPHZ,tPLH
6
8
ns
High/low-to-high impedance
Output Enable Propagation Delay
tPZH,tPZL
6
8
ns
High impedance-to-high/low
Refresh Rate
fr
1.2
Mbps
1|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.


Podobny numer części - ADuM4400BRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuM4400 AD-ADuM4400 Datasheet
503Kb / 5P
   Devices Connected
More results

Podobny opis - ADuM4400BRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com