Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL325 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL325
Szczegółowy opis  Small, Low Power, 3-Axis ±5 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Small, Low Power, 3-Axis ±5 g
Accelerometer
ADXL325
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
3-axis sensing
Small, low profile package
4 mm × 4 mm × 1.45 mm LFCSP
Low power: 350 μA typical
Single-supply operation: 1.8 V to 3.6 V
10,000 g shock survival
Excellent temperature stability
Bandwidth adjustment with a single capacitor per axis
RoHS/WEEE lead-free compliant
APPLICATIONS
Cost-sensitive, low power, motion- and tilt-sensing applications
Mobile devices
Gaming systems
Disk drive protection
Image stabilization
Sports and health devices
GENERAL DESCRIPTION
The ADXL325 is a small, low power, complete 3-axis accelerometer
with signal conditioned voltage outputs. The product measures
acceleration with a minimum full-scale range of ±5 g. It can
measure the static acceleration of gravity in tilt-sensing applications,
as well as dynamic acceleration, resulting from motion, shock,
or vibration.
The user selects the bandwidth of the accelerometer using
the CX, CY, and CZ capacitors at the XOUT, YOUT, and ZOUT pins.
Bandwidths can be selected to suit the application with a range
of 0.5 Hz to 1600 Hz for X and Y axes and a range of 0.5 Hz to
550 Hz for the Z axis.
The ADXL325 is available in a small, low profile, 4 mm ×
4 mm × 1.45 mm, 16-lead, plastic lead frame chip scale package
(LFCSP_LQ).
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
AC AMP
DEMOD
OUTPUT AMP
OUTPUT AMP
VS
COM
ST
XOUT
YOUT
+3V
CX
CY
ADXL325
CDC
OUTPUT AMP
ZOUT
CZ
~32kΩ
~32kΩ
~32kΩ
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl