Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL325 Datasheet(Arkusz danych) 11 Page - Analog Devices

Numer części ADXL325
Szczegółowy opis  Small, Low Power, 3-Axis ±5 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 11 page
background image
ADXL325
Rev. 0 | Page 11 of 16
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor, CDC, placed
close to the ADXL325 supply pins adequately decouples the
accelerometer from noise on the power supply. However, in
applications where noise is present at the 50 kHz internal clock
frequency (or any harmonic thereof), additional care in power
supply bypassing is required because this noise can cause errors
in acceleration measurement. If additional decoupling is needed, a
100 Ω (or smaller) resistor or ferrite bead can be inserted in the
supply line. Additionally, a larger bulk bypass capacitor (1 μF or
greater) can be added in parallel to CDC. Ensure that the connection
from the ADXL325 ground to the power supply ground is low
impedance because noise transmitted through ground has a
similar effect as noise transmitted through VS.
SETTING THE BANDWIDTH USING CX, CY, AND CZ
The ADXL325 has provisions for band limiting the XOUT,
YOUT, and ZOUT pins. Capacitors must be added at these pins to
implement low-pass filtering for antialiasing and noise reduction.
The 3 dB bandwidth equation is
f−3 dB = 1/(2π(32 kΩ) × C(X, Y, Z))
or more simply
f–3 dB = 5 μF/C(X, Y, Z)
The tolerance of the internal resistor (RFILT) typically varies as
much as ±15% of its nominal value (32 kΩ), and the bandwidth
varies accordingly. A minimum capacitance of 0.0047 μF for CX,
CY, and CZ is recommended in all cases.
Table 4. Filter Capacitor Selection, CX, CY, and CZ
Bandwidth (Hz)
Capacitor (μF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF TEST
The ST pin controls the self test feature. When this pin is set to
VS, an electrostatic force is exerted on the accelerometer beam.
The resulting movement of the beam allows the user to test
whether the accelerometer is functional. The typical change in
output is −1.08 g (corresponding to −190 mV) in the X axis,
+1.08 g (+190 mV) on the Y axis, and +1.83 g (+320 mV) on the
Z axis. This ST pin can be left open circuit or connected to
common (COM) in normal use.
Never expose the ST pin to voltages greater than VS + 0.3 V. If
this cannot be guaranteed due to the system design (for instance,
there are multiple supply voltages), then a low VF clamping
diode between ST and VS is recommended.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: THE NOISE/BW TRADE-OFF
The selected accelerometer bandwidth ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor to improve the
resolution of the accelerometer. Resolution is dependent on the
analog filter bandwidth at XOUT, YOUT, and ZOUT.
The output of the ADXL325 has a typical bandwidth greater
than 500 Hz. The user must filter the signal at this point to limit
aliasing errors. The analog bandwidth must be no more than half
the analog-to-digital sampling frequency to minimize aliasing.
The analog bandwidth can be further decreased to reduce noise
and improve resolution.
The ADXL325 noise has the characteristics of white Gaussian
noise, which contributes equally at all frequencies and is described
in terms of μg/√Hz (the noise is proportional to the square root
of the accelerometer bandwidth). The user should limit bandwidth
to the lowest frequency needed by the application to maximize
the resolution and dynamic range of the accelerometer.
With the single-pole roll-off characteristic, the typical noise of
the ADXL325 is determined by
rms Noise = Noise Density ×
)
1.6
(
×
BW
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 5 is useful for
estimating the probabilities of exceeding various peak values, given
the rms value.
Table 5. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32
4 × rms
4.6
6 × rms
0.27
8 × rms
0.006
USE WITH OPERATING VOLTAGES OTHER THAN 3 V
The ADXL325 is tested and specified at VS = 3 V; however, it can be
powered with VS as low as 1.8 V or as high as 3.6 V. Note that some
performance parameters change as the supply voltage is varied.
The ADXL325 output is ratiometric; therefore, the output
sensitivity (or scale factor) varies proportionally to the supply
voltage. At VS = 3.6 V, the output sensitivity is typically 209 mV/g.
At VS = 2 V, the output sensitivity is typically 116 mV/g.
The zero g bias output is also ratiometric; therefore, the zero g
output is nominally equal to VS/2 at all supply voltages.
The output noise is not ratiometric but is absolute in volts; therefore,
the noise density decreases as the supply voltage increases. This
is because the scale factor (mV/g) increases while the noise voltage
remains constant. At VS = 3.6 V, the X- and Y-axis noise density
is typically 200 μg/√Hz, while at VS = 2 V, the X- and Y-axis
noise density is typically 300 μg/√Hz.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl