Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL325BCPZ Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXL325BCPZ
Szczegółowy opis  Small, Low Power, 3-Axis ±5 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
ADXL325
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VS = 3 V, CX = CY = CZ = 0.1 μF, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications are
guaranteed. Typical specifications are not guaranteed.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
±5
±6
g
Nonlinearity
Percent of full scale
±0.2
%
Package Alignment Error
±1
Degrees
Interaxis Alignment Error
±0.1
Degrees
Cross-Axis Sensitivity1
±1
%
SENSITIVITY (RATIOMETRIC)2
Each axis
Sensitivity at XOUT, YOUT, ZOUT
VS = 3 V
156
174
192
mV/g
Sensitivity Change Due to Temperature3
VS = 3 V
±0.01
%/°C
ZERO g BIAS LEVEL (RATIOMETRIC)
0 g Voltage at XOUT, YOUT, ZOUT
VS = 3 V
1.3
1.5
1.7
V
0 g Offset vs. Temperature
±1
mg/°C
NOISE PERFORMANCE
Noise Density XOUT, YOUT, ZOUT
250
μg/√Hz rms
FREQUENCY RESPONSE4
Bandwidth XOUT, YOUT5
No external filter
1600
Hz
Bandwidth ZOUT5
No external filter
550
Hz
RFILT Tolerance
32 ± 15%
Sensor Resonant Frequency
5.5
kHz
SELF TEST6
Logic Input Low
+0.6
V
Logic Input High
+2.4
V
ST Actuation Current
+60
μA
Output Change at XOUT
Self test 0 to 1
−90
−190
−350
mV
Output Change at YOUT
Self test 0 to 1
+90
+190
+350
mV
Output Change at ZOUT
Self test 0 to 1
+90
+320
+580
mV
OUTPUT AMPLIFIER
Output Swing Low
No load
0.1
V
Output Swing High
No load
2.8
V
POWER SUPPLY
Operating Voltage Range
1.8
3.6
V
Supply Current
VS = 3 V
350
μA
Turn-On Time7
No external filter
1
ms
TEMPERATURE
Operating Temperature Range
−40
+85
°C
1 Defined as coupling between any two axes.
2 Sensitivity is essentially ratiometric to VS.
3 Defined as the output change from ambient-to-maximum temperature or ambient-to-minimum temperature.
4 Actual frequency response controlled by user-supplied external filter capacitors (CX, CY, CZ).
5 Bandwidth with external capacitors = 1/(2 × π × 32 kΩ × C). For CX, CY = 0.003 μF, bandwidth = 1.6 kHz. For CZ = 0.01 μF, bandwidth = 500 Hz. For CX, CY, CZ = 10 μF,
bandwidth = 0.5 Hz.
6 Self test response changes cubically with VS.
7 Turn-on time is dependent on CX, CY, CZ and is approximately 160 × CX or CY or CZ + 1 ms, where CX, CY, CZ are in μF.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl