Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL327 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL327
Szczegółowy opis  Small, Low Power, 3-Axis ±2 g Accelerometer
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
ADXL327
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
NC
1
ST
2
COM
3
NC
4
XOUT
12
NC
11
YOUT
10
NC
9
56
7
8
16
15
14
13
ADXL327
TOP VIEW
(Not to Scale)
+X
+Z
+Y
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect (or Optionally Ground)
2
ST
Self Test
3
COM
Common
4
NC
No Connect
5
COM
Common
6
COM
Common
7
COM
Common
8
ZOUT
Z Channel Output
9
NC
No Connect (or Optionally Ground)
10
YOUT
Y Channel Output
11
NC
No Connect
12
XOUT
X Channel Output
13
NC
No Connect
14
VS
Supply Voltage (1.8 V to 3.6 V)
15
VS
Supply Voltage (1.8 V to 3.6 V)
16
NC
No Connect
EP
Exposed pad
Not internally connected. Solder for mechanical integrity.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl