Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL346BCCZ-RL Arkusz danych(PDF) 19 Page - Analog Devices

Numer części ADXL346BCCZ-RL
Szczegółowy opis  3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital Accelerometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL346BCCZ-RL Arkusz danych(HTML) 19 Page - Analog Devices

Back Button ADXL346BCCZ-RL Datasheet HTML 15Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 16Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 17Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 18Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 19Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 20Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 21Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 22Page - Analog Devices ADXL346BCCZ-RL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Preliminary Technical Data
ADXL346
Rev. PrC | Page 19 of 32
REGISTER MAP
Table 17. Register Map
Address
Hex
Dec
Name
Type
Reset Value
Description
0x00
0
DEVID
R
11100101
Device ID.
0x01 to
1 to
Reserved
Reserved. Do not access.
0x1C
28
0x1D
29
THRESH_TAP
R/W
00000000
Tap threshold.
0x1E
30
OFSX
R/W
00000000
X-axis offset.
0x1F
31
OFSY
R/W
00000000
Y-axis offset.
0x20
32
OFSZ
R/W
00000000
Z-axis offset.
0x21
33
DUR
R/W
00000000
Tap duration.
0x22
34
Latent
R/W
00000000
Tap latency.
0x23
35
Window
R/W
00000000
Tap window.
0x24
36
THRESH_ACT
R/W
00000000
Activity threshold.
0x25
37
THRESH_INACT
R/W
00000000
Inactivity threshold.
0x26
38
TIME_INACT
R/W
00000000
Inactivity time.
0x27
39
ACT_INACT_CTL
R/W
00000000
Axis enable control for activity and inactivity detection.
0x28
40
THRESH_FF
R/W
00000000
Free-fall threshold.
0x29
41
TIME_FF
R/W
00000000
Free-fall time.
0x2A
42
TAP_AXES
R/W
00000000
Axis control for single tap/double tap.
0x2B
43
ACT_TAP_STATUS
R
00000000
Source of single tap/double tap.
0x2C
44
BW_RATE
R/W
00001010
Data rate and power mode control.
0x2D
45
POWER_CTL
R/W
00000000
Power-saving features control.
0x2E
46
INT_ENABLE
R/W
00000000
Interrupt enable control.
0x2F
47
INT_MAP
R/W
00000000
Interrupt mapping control.
0x30
48
INT_SOURCE
R
00000010
Source of interrupts.
0x31
49
DATA_FORMAT
R/W
00000000
Data format control.
0x32
50
DATAX0
R
00000000
X-Axis Data 0.
0x33
51
DATAX1
R
00000000
X-Axis Data 1.
0x34
52
DATAY0
R
00000000
Y-Axis Data 0.
0x35
53
DATAY1
R
00000000
Y-Axis Data 1.
0x36
54
DATAZ0
R
00000000
Z-Axis Data 0.
0x37
55
DATAZ1
R
00000000
Z-Axis Data 1.
0x38
56
FIFO_CTL
R/W
00000000
FIFO control.
0x39
57
FIFO_STATUS
R
00000000
FIFO status.
0x3A
58
TAP_SIGN
R
00000000
Sign and source for single tap/double tap
0x3B
59
ORIENT_CONF
R/W
00000000
Orientation configuration
0x3C
60
Orient
R
00000000
Orientation status


Podobny numer części - ADXL346BCCZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL346 AD-ADXL346 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ AD-ADXL346ACCZ Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL AD-ADXL346ACCZ-RL Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346ACCZ-RL7 AD-ADXL346ACCZ-RL7 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
More results

Podobny opis - ADXL346BCCZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL346 AD-ADXL346_1 Datasheet
704Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power DIgital Accelerometer
REV. 0
ADXL344 AD-ADXL344 Datasheet
593Kb / 40P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g Ultralow Power Digital MEMS Accelerometer
ADXL343 AD-ADXL343 Datasheet
649Kb / 36P
   3-Axis, 짹2 g/짹4 g/짹8 g/짹16 g
Rev. PrA
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
ADXL317 AD-ADXL317 Datasheet
637Kb / 38P
   3-Axis, 짹16 g, I2S Digital Accelerometer
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL312ACPZ AD-ADXL312ACPZ Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL312 AD-ADXL312_V01 Datasheet
507Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com