Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL346BCCZ-RL7 Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL346BCCZ-RL7
Szczegółowy opis  3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Preliminary Technical Data
ADXL346
Rev. PrC | Page 5 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO INTERNAL
CONNECTION
NC
VDD I/O
NC
SCL/SCLK
NC
GND
GND
INT1
NC
INT2
TOP VIEW
ADXL346
(Not to Scale)
1
2
3
4
5
13
12
11
10
9
6
7
8
16
15
14
+Z
+X
+Y
Figure 2. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD I/O
Digital Interface Supply Voltage.
2
NC
Not Internally Connected.
3
NC
Not Internally Connected.
4
SCL/SCLK
Serial Communications Clock.
5
NC
Not Internally Connected.
6
SDA/SDI/SDIO
Serial Data (I2C)/Serial Data Input (SPI 4-Wire)/Serial Data Input and Output (SPI 3-Wire).
7
SDO/ALT ADDRESS
Serial Data Output (SPI 4-Wire)/Alternate I2C Address Select (I2C).
8
CS
Chip Select.
9
INT2
Interrupt 2 Output.
10
NC
Not Internally Connected.
11
INT1
Interrupt 1 Output.
12
GND
Must be connected to ground.
13
GND
Must be connected to ground.
14
VS
Supply Voltage.
15
Reserved
Reserved. This pin must be connected to VS.
16
GND
Must be connected to ground.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl