Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM6402CRWZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADuM6402CRWZ
Szczegółowy opis  Quad-Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM6402CRWZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADuM6402CRWZ Datasheet HTML 3Page - Analog Devices ADuM6402CRWZ Datasheet HTML 4Page - Analog Devices ADuM6402CRWZ Datasheet HTML 5Page - Analog Devices ADuM6402CRWZ Datasheet HTML 6Page - Analog Devices ADuM6402CRWZ Datasheet HTML 7Page - Analog Devices ADuM6402CRWZ Datasheet HTML 8Page - Analog Devices ADuM6402CRWZ Datasheet HTML 9Page - Analog Devices ADuM6402CRWZ Datasheet HTML 10Page - Analog Devices ADuM6402CRWZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 7 of 24
Table 11. DC-to-DC Converter Dynamic Specifications
Parameter
Symbol
2 Mbps—A Grade, B Grade, C Grade
25 Mbps—C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM6400
IDD1
9
43
mA
No VISO load
IISO (LOAD)
100
93
mA
ADuM6401
IDD1
9
44
mA
No VISO load
IISO (LOAD)
100
92
mA
ADuM6402
IDD1
9
45
mA
No VISO load
IISO (LOAD)
100
91
mA
ADuM6403
IDD1
9
46
mA
No VISO load
IISO (LOAD)
100
89
mA
ADuM6404
IDD1
9
47
mA
No VISO load
IISO (LOAD)
100
88
mA
Table 12. Switching Specifications
Parameter
Symbol
A Grade
C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
60
100
45
60
ns
50% input to 50% output
Pulse Width Distortion
PWD
40
6
ns
|tPLH − tPHL|
Change vs. Temperature
5
ps/°C
Pulse Width
PW
1000
40
ns
Within PWD limit
Propagation Delay Skew
tPSK
50
15
ns
Between any two units
Channel Matching
Codirectional1
tPSKCD
50
6
ns
Opposing Directional2
tPSKOD
50
15
ns
1
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier.
2 Opposing directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier.
Table 13. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VISO or 0.7 VDD1
V
Logic Low Input Threshold
VIL
0.3 VISO or 0.3 VDD1
V
Logic High Output Voltages
VOH
VDD1 − 0.2, VISO − 0.2
VDD1 or VISO
V
IOx = −20 μA, VIx = VIxH
VDD1 − 0.5 or
VISO − 0.5
VDD1 − 0.2 or
VISO − 0.2
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.0
0.4
V
IOx = 4 mA, VIx = VIxL
Undervoltage Lockout
VDD1, VDDL, VISO supply
Positive Going Threshold
VUV+
2.7
V
Negative Going Threshold
VUV−
2.4
V
Hysterisis
VUVH
0.3
V
Input Currents per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDx
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/μs
VIx = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 × VDD1 or 0.8 × VISO for a high input or VO < 0.8 × VDD1 or 0.8 × VISO for a
low input. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


Podobny numer części - ADuM6402CRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6402CRWZ AD-ADUM6402CRWZ Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

Podobny opis - ADuM6402CRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
   Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com