Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2110MPX Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FAN2110MPX
Szczegółowy opis  TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110MPX Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN2110MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 10Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 11Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 12Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.2
9
Typical Performance Characteristics
Typical operating characteristics using the circuit in Figure 10. VIN=12V, VCC=5V, TA=25°C, unless otherwise specified.
FAN2110_1.5V_500Khz
70
75
80
85
90
95
100
02
4
6
8
10
Load Curre nt (Am ps)
VIN = 10V
VIN = 12V
VIN = 16V
VIN = 20V
FAN2110_3.3V_500Khz
70
75
80
85
90
95
100
02
4
6
8
10
Load Current (Amps)
VIN = 10V
VIN = 12V
VIN = 16V
VIN = 20V
Figure 12.
1.5VOUT Efficiency, 500KHz
Figure 13. 3.3VOUT Efficiency, 500KHz
(4)
FAN2110_1.5V_300Khz
70
75
80
85
90
95
100
02
46
8
10
Load Current (Am ps)
VIN = 10V
VIN = 12V
VIN = 16V
VIN = 20V
FAN2110_3.3V_300Khz
70
75
80
85
90
95
100
02
4
6
8
10
Load Current (Amps)
VIN = 10V
VIN = 12V
VIN = 16V
VIN = 20V
Figure 14. 1.5VOUT Efficiency, 300KHz
Figure 15. 3.3VOUT Efficiency, 300KHz
(4)
FAN2110_2.5V_600Khz
70
75
80
85
90
95
100
02
46
8
10
Load Current (Amps)
VIN = 10V
VIN = 12V
VIN = 16V
VIN = 20V
FAN2110_1.5V_500K(3.3-5.5V)
70
75
80
85
90
95
02
4
6
8
10
Load Current (Amps)
VIN=3.5V
VIN=4.5V
VIN=5.5V
Figure 16. 2.5VOUT Efficiency ,600KHz
(4)
Figure 17. 1.5VOUT Efficiency, 500KHz
(VIN=3.3V to 5V), Figure 11
Note:
4.
Circuit values for this configuration change in Figure 10.


Podobny numer części - FAN2110MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2110MPX FAIRCHILD-FAN2110MPX_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
More results

Podobny opis - FAN2110MPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com