Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6861 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN6861
Szczegółowy opis  Low-Cost, Highly Integrated, Green-Mode PWM Controller for Peak Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6861 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN6861 Datasheet HTML 1Page - Fairchild Semiconductor FAN6861 Datasheet HTML 2Page - Fairchild Semiconductor FAN6861 Datasheet HTML 3Page - Fairchild Semiconductor FAN6861 Datasheet HTML 4Page - Fairchild Semiconductor FAN6861 Datasheet HTML 5Page - Fairchild Semiconductor FAN6861 Datasheet HTML 6Page - Fairchild Semiconductor FAN6861 Datasheet HTML 7Page - Fairchild Semiconductor FAN6861 Datasheet HTML 8Page - Fairchild Semiconductor FAN6861 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6861 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only. All voltage values, except differential voltages, are
given with respect to GND pin.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage
30
V
VL
Input Voltage to FB, SENSE, VIN, RT,RI Pin
-0.3
7.0
V
PD
Power Dissipation at TA<50°C
300
mW
ΘJC
Thermal Resistance (Junction-to-Case)
208.4
°C/W
TJ
Operating Junction Temperature
-40
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature, Wave Soldering, 10 Seconds
+260
°C
Human Body Model, JESD22-A114
4.5
ESD
Electrostatic Discharge Capability
Charge Device Model, JESD22-C101
1.0
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Podobny numer części - FAN6861

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6861 FAIRCHILD-FAN6861 Datasheet
468Kb / 12P
   a Flyback Power Supply with Peak Load Current Profile
More results

Podobny opis - FAN6861

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com