Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6793MY Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN6793MY
Szczegółowy opis  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6793MY Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6793MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 9Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 10Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 11Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 12Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 13Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 14Page - Fairchild Semiconductor FAN6793MY Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
11
Typical Characteristics
31.70
31.75
31.80
31.85
31.90
31.95
32.00
32.05
32.10
-40℃ -25℃ -10℃ 5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
53.5
54.0
54.5
55.0
55.5
56.0
56.5
57.0
57.5
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Figure 13. Rising Time tR-OPWM vs. Temperature
Figure 14. Falling Time tF-OPWM vs. Temperature
25.8
26.0
26.2
26.4
26.6
26.8
27.0
27.2
27.4
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
30
31
32
33
34
35
36
37
38
39
-40℃ -25℃ -10℃
5℃
20℃ 35℃
50℃
65℃
80℃ 95℃ 110℃ 125℃
Figure 15. Rising Time tR-OFYB vs. Temperature
Figure 16. Falling Time tF-OFYB vs. Temperature
0.788
0.790
0.792
0.794
0.796
0.798
0.800
0.802
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
0.659
0.660
0.661
0.662
0.663
0.664
0.665
0.666
0.667
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Figure 17. IPWM-VLIMIT (VRMS=1V) vs. Temperature
Figure 18. IPWM-VLIMIT (VRMS=1.5V) vs. Temperature
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
-40℃ -25℃ -10℃ 5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
0.643
0.644
0.645
0.646
0.647
0.648
0.649
0.650
0.651
0.652
0.653
-40℃ -25℃ -10℃ 5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Figure 19. IFYB-VLIMIT (VRMS=1V) vs. Temperature
Figure 20. IFYB-VLIMIT (VRMS=1.5V)vs. Temperature


Podobny numer części - FAN6793MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Podobny opis - FAN6793MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com