Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD6776A Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDD6776A
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 25 V, 7.5 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6776A Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDD6776A Datasheet HTML 1Page - Fairchild Semiconductor FDD6776A Datasheet HTML 2Page - Fairchild Semiconductor FDD6776A Datasheet HTML 3Page - Fairchild Semiconductor FDD6776A Datasheet HTML 4Page - Fairchild Semiconductor FDD6776A Datasheet HTML 5Page - Fairchild Semiconductor FDD6776A Datasheet HTML 6Page - Fairchild Semiconductor FDD6776A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2009 Fairchild Semiconductor Corporation
FDD6776A / FDU6776A_F071 Rev.C
www.fairchildsemi.com
1
January 2009
D
G
S
D
G
S
G
S
D-PAK
(TO-252)
Short-Lead I-PAK
(TO-251AA)
D
FDD6776A / FDU6776A_F071
N-Channel PowerTrench® MOSFET
25 V, 7.5 m
Features
Max rDS(on) = 7.5 mΩ at VGS = 10 V, ID = 17.7 A
Max rDS(on) = 17.0mΩ at VGS = 4.5 V, ID = 13.2 A
100% UIL test
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using either
synchronous or conventional switching PWM controllers. It has
been optimized for low gate charge, low rDS(on) and fast
switching speed.
Applications
Vcore DC-DC for Desktop Computers and Servers
VRM for Intermediate Bus Architecture
MOSFET Maximum Ratings T
C = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
25
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
30
A
-Continuous (Silicon limited)
TC = 25 °C
54
-Continuous
TA = 25 °C
(Note 1a)
17.7
-Pulsed
100
EAS
Single Pulse Avalanche Energy
(Note 3)
32
mJ
PD
Power Dissipation
TC = 25 °C
39
W
Power Dissipation
TA = 25 °C
(Note 1a)
3.7
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +175
°C
RθJC
Thermal Resistance, Junction to Case
3.8
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
40
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD6776A
FDD6776A
D-PAK (TO-252)
13 ’’
12 mm
2500 units
FDU6776A
FDU6776A_F071
TO-251AA
N/A(Tube)
N/A
75 units


Podobny numer części - FDD6776A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD6776A ISC-FDD6776A Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FDD6776A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDMS-7692 FAIRCHILD-FDMS-7692 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692 FAIRCHILD-FDMS7692 Datasheet
339Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDMS7692 FAIRCHILD-FDMS7692_11 Datasheet
281Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 7.5 m廓
FDD6778A FAIRCHILD-FDD6778A Datasheet
319Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 14.0 m廓
FDD6780A FAIRCHILD-FDD6780A Datasheet
336Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 8.6 m廓
FDD6796A FAIRCHILD-FDD6796A Datasheet
325Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 5.7 m廓
FDD6760A FAIRCHILD-FDD6760A Datasheet
329Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 3.2 m廓
FDD6770A FAIRCHILD-FDD6770A Datasheet
316Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 4.0 m廓
FDS86240 FAIRCHILD-FDS86240 Datasheet
244Kb / 6P
   N-Channel PowerTrench짰 MOSFET 150 V, 7.5 A, 19.8 m廓
FDMS7580 FAIRCHILD-FDMS7580 Datasheet
367Kb / 7P
   N-Channel Power Trench MOSFET 25 V, 7.5 m廓
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com