Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8426H Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDD8426H
Szczegółowy opis  Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8426H Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDD8426H Datasheet HTML 1Page - Fairchild Semiconductor FDD8426H Datasheet HTML 2Page - Fairchild Semiconductor FDD8426H Datasheet HTML 3Page - Fairchild Semiconductor FDD8426H Datasheet HTML 4Page - Fairchild Semiconductor FDD8426H Datasheet HTML 5Page - Fairchild Semiconductor FDD8426H Datasheet HTML 6Page - Fairchild Semiconductor FDD8426H Datasheet HTML 7Page - Fairchild Semiconductor FDD8426H Datasheet HTML 8Page - Fairchild Semiconductor FDD8426H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2009 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FDD8426H Rev.C
Electrical Characteristics T
J = 25°C unless otherwise noted
Drain-Source Diode Characteristics
Notes:
1. RθJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined
by the user's board design.
2. Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3. Starting TJ = 25 °C, N-ch: L = 1 mH, IAS = 15 A, VDD =36 V, VGS = 10 V; P-ch: L = 1 mH, IAS = -18 A, VDD = -36 V, VGS = -10 V.
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Units
VSD
Source-Drain Diode Forward Voltage
VGS = 0 V, IS = 12 A
(Note 2)
VGS = 0 V, IS = -10 A
(Note 2)
Q1
Q2
0.8
-0.8
1.2
-1.2
V
trr
Reverse Recovery Time
Q1
IF = 12 A, di/dt = 100 A/µs
Q2
IF = -10 A, di/dt = 100 A/µs
Q1
Q2
22
25
35
40
ns
Qrr
Reverse Recovery Charge
Q1
Q2
11
14
20
22
nC
a. 40 °C/W when mounted on
a 1 in2 pad of 2 oz copper
b. 96 °C/W when mounted on a
minimum pad of 2 oz copper
b. 96 °C/W when mounted on a
minimum pad of 2 oz copper
Q1
Q2
a. 40 °C/W when mounted on
a 1 in2 pad of 2 oz copper


Podobny numer części - FDD8426H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8424H FAIRCHILD-FDD8424H Datasheet
638Kb / 12P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDD8424H FAIRCHILD-FDD8424H_11 Datasheet
856Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
FDD8424H_F085A FAIRCHILD-FDD8424H_F085A_13 Datasheet
793Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40V, 20A, 24m廓 P-Channel: -40V, -20A, 54m廓
More results

Podobny opis - FDD8426H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
FDMC8030 FAIRCHILD-FDMC8030 Datasheet
341Kb / 7P
   Dual N-Channel Power Trench짰 MOSFET 40 V, 12 A, 10 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com