Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDG410NZ Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDG410NZ
Szczegółowy opis  Single N-Channel PowerTrench짰 MOSFET 20 V, 2.2 A, 70 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG410NZ Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDG410NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 5Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 6Page - Fairchild Semiconductor FDG410NZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2009 Fairchild Semiconductor Corporation
FDG410NZ Rev.B
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
V
GS = 2.5 V
V
GS = 1.8 V
V
GS = 3.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
V
GS = 1.5 V
V
GS = 4.5 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
12
34
56
0.5
1.0
1.5
2.0
2.5
V
GS = 3.5 V
V
GS = 2.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 4.5 V
V
GS = 1.8 V
V
GS = 1.5 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 2.2 A
VGS = 4.5 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
40
60
80
100
120
140
160
180
ID = 1.1 A
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
VDS = 5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
6
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Podobny numer części - FDG410NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
FDG VISHAY-FDG Datasheet
134Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors with CECC Approval
logo
Merrimac Industries, In...
FDG-4A-1600 MERRIMAC-FDG-4A-1600 Datasheet
135Kb / 1P
   FREQUENCY DOUBLER
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results

Podobny opis - FDG410NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7660 FAIRCHILD-FDMC7660_12 Datasheet
288Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDME820NZT FAIRCHILD-FDME820NZT Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 9 A, 18 m廓
FDPF3860TYDTU FAIRCHILD-FDPF3860TYDTU Datasheet
589Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100 V, 20 A, 38.2 m廓
FDMS86250 FAIRCHILD-FDMS86250 Datasheet
272Kb / 7P
   N-Channel PowerTrench짰 MOSFET 150 V, 20 A, 25 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDMS8560S FAIRCHILD-FDMS8560S Datasheet
311Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 70 A, 1.8 m廓
FDMA410NZ FAIRCHILD-FDMA410NZ Datasheet
315Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.5 A, 23 m廓
FDMA7628 FAIRCHILD-FDMA7628 Datasheet
248Kb / 7P
   Single N-Channel 1.5 V Specified PowerTrench짰 MOSFET 20 V, 9.4 A, 14.5 m廓
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com