Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDG6332C_F085 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDG6332C_F085
Szczegółowy opis  20V N & P-Channel PowerTrench짰MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6332C_F085 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDG6332C_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDG6332C_F085 Rev C2 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Q1
0.25
Maximum Continuous Drain–Source Diode Forward Current
Q2
–0.25
A
VSD
Q1
VGS = 0 V, IS = 0.25 A
(Note 2)
0.74
1.2
Drain–Source Diode Forward
Voltage
Q2
VGS = 0 V, IS = –0.25 A
(Note 2)
–0.77
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθJA is determined by the user's board design. RθJA = 415°C/W when mounted on a minimum pad of FR-4
PCB in a still air environment.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Podobny numer części - FDG6332C_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
More results

Podobny opis - FDG6332C_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Will Semiconductor Ltd.
WCM2007 WILLSEMI-WCM2007 Datasheet
3Mb / 11P
   N- and P-Channel, 20V, MOSFET
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4622 AOSMD-AO4622_10 Datasheet
257Kb / 9P
   20V Dual P N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com