Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDG6332C_F085 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FDG6332C_F085
Szczegółowy opis  20V N & P-Channel PowerTrench짰MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6332C_F085 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  FDG6332C_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDG6332C_F085 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDG6332C_F085 Rev C2 (W)
Typical Characteristics: P-Channel
0
1
2
3
4
5
0
0.3
0.6
0.9
1.2
1.5
1.8
Qg, GATE CHARGE (nC)
ID = -0.6A
VDS = -5V
-15V
-10V
0
40
80
120
160
0
5
10
15
20
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 17. Gate Charge Characteristics.
Figure 18. Capacitance Characteristics.
0.01
0.1
1
10
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
10ms
1ms
100
µs
RDS(ON) LIMIT
VGS = -4.5V
SINGLE PULSE
RθJA = 415
oC/W
TA = 25
oC
0
2
4
6
8
10
0.001
0.01
0.1
1
10
100
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 415
oC/W
TA = 25
oC
Figure 19. Maximum Safe Operating Area.
Figure 20. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 415 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 21. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1.
Transient thermal response will change depending on the circuit board design.


Podobny numer części - FDG6332C_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
More results

Podobny opis - FDG6332C_F085

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Will Semiconductor Ltd.
WCM2007 WILLSEMI-WCM2007 Datasheet
3Mb / 11P
   N- and P-Channel, 20V, MOSFET
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AO4622 AOSMD-AO4622_10 Datasheet
257Kb / 9P
   20V Dual P N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com