Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST3407S23RG Arkusz danych(PDF) 1 Page - Stanson Technology

Numer części ST3407S23RG
Szczegółowy opis  P Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3407S23RG Arkusz danych(HTML) 1 Page - Stanson Technology

  ST3407S23RG Datasheet HTML 1Page - Stanson Technology ST3407S23RG Datasheet HTML 2Page - Stanson Technology ST3407S23RG Datasheet HTML 3Page - Stanson Technology ST3407S23RG Datasheet HTML 4Page - Stanson Technology ST3407S23RG Datasheet HTML 5Page - Stanson Technology ST3407S23RG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST3407
ST3407
ST3407
ST3407
P Channel Enhancement Mode MOSFET
-3.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST3407 2006. V1
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
ST3407 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as cellular phone and notebook
computer power management, other battery powered circuits, and low in-line power
loss are required. The product is in a very small outline surface mount package.
PIN
PIN
PIN
PIN CONFIGURATION
CONFIGURATION
CONFIGURATION
CONFIGURATION
SOT-23-3L
SOT-23-3L
SOT-23-3L
SOT-23-3L
1.Gate
2.Source
3.Drain
PART
PART
PART
PART MARKING
MARKING
MARKING
MARKING
SOT-23-3L
SOT-23-3L
SOT-23-3L
SOT-23-3L
Y: Year Code
A: Process Code
ORDERING
ORDERING
ORDERING
ORDERING INFORMATION
INFORMATION
INFORMATION
INFORMATION
※ Process Code : A ~ Z ; a ~ z
※ ST3407S23RG
S 23: SOT-23-3L ; R : Tape Reel ; G : Pb – Free
Part
Part
Part
Part Number
Number
Number
Number
Package
Package
Package
Package
Part
Part
Part
Part Marking
Marking
Marking
Marking
ST3407S23RG
SOT-23-3L
A7YA
FEATURE
FEATURE
FEATURE
FEATURE
-30V/-4.0A, R
DS(ON) = 60mΩ
@VGS = -10V
-30V/-3.2A, R
DS(ON) = 80mΩ
@VGS = -4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and
maximum DC current capability
SOT-23-3L package design
3
3
3
3
1
1
1
1
2
2
2
2
D
D
D
D
G
G
G
G
S
S
S
S
3
3
3
3
1
1
1
1
2
2
2
2
A7YA
A7YA
A7YA
A7YA


Podobny numer części - ST3407S23RG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
ST3407S23RG VBSEMI-ST3407S23RG Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
List of Unclassifed Man...
ST3407S23RG_V2 ETC2-ST3407S23RG_V2 Datasheet
154Kb / 6P
   P Channel Enhancement Mode MOSFET
More results

Podobny opis - ST3407S23RG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com