Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6688AS Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FDS6688AS
Szczegółowy opis  30V N-Channel PowerTrench짰 SyncFET?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6688AS Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FDS6688AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6688AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDS6688AS Rev C
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 1
0 mA, Referenced to 25°C
2
0
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
µA
IGSS
Gate–Body Leakage
VGS = ±20 V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 1 mA
1
1.5
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 1
0 mA, Referenced to 25°C
4
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 14.5 A
VGS = 4.5 V,
ID = 13.2 A
VGS=10 V, ID =14.5A, TJ=125°C
4.5
5.9
6.7
6.0
7.3
8.5
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 14.5 A
66
S
Dynamic Characteristics
Ciss
Input Capacitance
2510
pF
Coss
Output Capacitance
710
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
270
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
1.6
2.8
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
20
ns
tr
Turn–On Rise Time
12
22
ns
td(off)
Turn–Off Delay Time
43
69
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6 Ω
29
46
ns
td(on)
Turn–On Delay Time
17
31
ns
tr
Turn–On Rise Time
22
35
ns
td(off)
Turn–Off Delay Time
34
54
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6 Ω
29
46
ns
Qg(TOT)
Total Gate Charge at Vgs=10V
45
63
nC
Qg
Total Gate Charge at Vgs=5V
25
35
nC
Qgs
Gate–Source Charge
7
nC
Qgd
Gate–Drain Charge
VDD = 15 V,
ID = 14.5 A,
8
nC


Podobny numer części - FDS6688AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6688 FAIRCHILD-FDS6688 Datasheet
141Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS6688 FAIRCHILD-FDS6688 Datasheet
116Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688 FAIRCHILD-FDS6688_04 Datasheet
116Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results

Podobny opis - FDS6688AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6670AS FAIRCHILD-FDS6670AS_08 Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com