Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS8842NZ Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDS8842NZ
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8842NZ Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDS8842NZ Datasheet HTML 1Page - Fairchild Semiconductor FDS8842NZ Datasheet HTML 2Page - Fairchild Semiconductor FDS8842NZ Datasheet HTML 3Page - Fairchild Semiconductor FDS8842NZ Datasheet HTML 4Page - Fairchild Semiconductor FDS8842NZ Datasheet HTML 5Page - Fairchild Semiconductor FDS8842NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2009 Fairchild Semiconductor Corporation
FDS8842NZ Rev.C
Figure 7.
0
10
203040
5060
0
2
4
6
8
10
Qg, GATE CHARGE (nC)
ID = 14.9 A
VDD = 15 V
VDD = 20 V
VDD = 25 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
40
100
1000
5000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure 9.
0.001
0.01
0.1
1
10
100
1000
1
TJ = 100 oC
TJ = 125 oC
10
TJ = 25 oC
t
AV, TIME IN AVALANCHE (ms)
30
Unclamped Inductive
Switching Capability
Figure 10. Igss vs Vgs
0
5
10
15
20
25
30
10
-9
10
-7
10
-5
10
-3
VGS = 0 V
TJ = 25 oC
TJ = 125 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 11. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
10 ms
DC
10 s
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
200
Figure 12. Single Pulse Maximum
Power Dissipation
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
1000
2000
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
V
GS = 10 V
t, PULSE WIDTH (sec)
Typical Characteristics T
J = 25 °C unless otherwise noted


Podobny numer części - FDS8842NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8840NZ FAIRCHILD-FDS8840NZ Datasheet
291Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18.6 A, 4.5 m廓
More results

Podobny opis - FDS8842NZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDME430NT FAIRCHILD-FDME430NT Datasheet
264Kb / 6P
   N-Channel PowerTrench짰 MOSFET 30 V, 6 A, 40 m廓
FDS8840NZ FAIRCHILD-FDS8840NZ Datasheet
291Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18.6 A, 4.5 m廓
FDD8647L FAIRCHILD-FDD8647L Datasheet
317Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 42 A, 9 m廓
FDMS8320L FAIRCHILD-FDMS8320L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 100 A, 1.1 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMS8848NZ FAIRCHILD-FDMS8848NZ Datasheet
295Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 49 A, 3.1 m廓
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com