Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM59R16A2 Arkusz danych(PDF) 11 Page - SyncMOS Technologies,Inc

Numer części SM59R16A2
Szczegółowy opis  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 Arkusz danych(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
11
Ver.B
SM59R16A2/SM59R08A2
06/2009
Fig. 1-2(a): The waveform of internal instruction signal in 2T mode
Fig. 1-2(b): The waveform of internal instruction signal in 1T mode
The default is in 2T mode, and it can be changed to 1T mode if IFCON [7] (at address 8Fh) is set to
high any time.
Not every instruction can be executed with one machine cycle.
The exact machine
cycle number for all the instructions are given in the next section.
1.4 Reset
Brownout detection is also one type of internal reset to prevent SM59R16A2/SM59R08A2 from going
to unstable condition as described in Section 1.3.
1.5 Clocks
The default clock is the 1MHz clock signal coming from the internal OSC.
This clock is used during
the initialization stage.
The major work of the initialization stage is to determine the clock source
used in normal operation.
The clock source can be external and internal.
The external clock source is from the crystal via
crystal pads XTAL1 and XTA2, or oscillator through XTAL1 only.
Here we need to be aware that
XTAL1 are not 5V tolerant in 3.3V application, so a 3.3V oscillator source is recommended.
The internal clock sources are from the internal OSC with difference frequency division as given in
the next table:
Table 1-1: Selection of clock source
Clock source
external crystal or internal OSC
24MHz from internal OSC
20MHz from internal OSC
16MHz from internal OSC
12MHz from internal OSC
8MHz from internal OSC
4MHz from internal OSC
2MHz from internal OSC
1MHz from internal OSC as default clock used in initialization
There may be 20% variance in the frequency from the internal OSC.
It is not recommended to use
them in the application requiring accurate frequency.


Podobny numer części - SM59R16A2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

Podobny opis - SM59R16A2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com