Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1953A Arkusz danych(PDF) 1 Page - Transcom, Inc.

Numer części TC1953A
Szczegółowy opis  13.75 - 14.5 GHz 21 dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1953A Arkusz danych(HTML) 1 Page - Transcom, Inc.

  TC1953A Datasheet HTML 1Page - Transcom, Inc. TC1953A Datasheet HTML 2Page - Transcom, Inc. TC1953A Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC1953A
REV3_20060525
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
13.75 - 14.5 GHz 21 dBm MMIC
FEATURES
• P
-1 dB: 21 dBm
• Small Signal Gain: 16 dB
• IP3: 30 dBm
• Bias Condition: 120mA@8V
DESCRIPTION
The TC1953A is a two stages PHEMT medium power amplifier MMIC that operates from 13.75 to 14.5 GHz. The
amplifier provides a minimum of 16 dB gain and delivers 21 dBm output power from 13.75 to 14.5GHz. The MMIC
is fabricated using Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for
increased performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond pads are
gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is compatible with
standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
13.75
14.5
GHz
SSG
Small Signal Gain
16
17
dB
P1dB
Output Power at 1 dB Gain Compression
20
21
dBm
P3 dB
Output Power at 3 dB Gain Compression
21
22
dBm
IP3
Third Order Intercept Point
29
30
dBm
VSWR, IN
Input Return Loss
2:1
VSWR, OUT
Output Return Loss
2:1
VDD
Supply Voltage
8
Volt
Vg
Gate Voltage
-0.5
-1.0
-1.5
Volt
IDD
Current Supply Without RF
120
mA
PHOTO ENLARGEMENT


Podobny numer części - TC1953A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC1953P TRANSCOM-TC1953P Datasheet
177Kb / 3P
   13.75 - 14.75 GHz 1W MMIC
More results

Podobny opis - TC1953A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Toshiba Semiconductor
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
   HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
   HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-7-252 TOSHIBA-TIM1414-7-252 Datasheet
255Kb / 4P
   HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz
logo
Cree, Inc
CMPA1D1E030D CREE-CMPA1D1E030D Datasheet
595Kb / 6P
   30 W, 13.75 - 14.5 GHz, 40 V, GaN MMIC, Power Amplifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com