Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA411 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części CA411
Szczegółowy opis  Cascadable Amplifier 10 to 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA411 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA411 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA411 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 400 MHz
Rev. V3
A411 / SMA411
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +5 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-450
10-400
10-400
Small Signal Gain (min)
dB
15.8
15.0
14.5
Gain Flatness (max)
dB
±0.3
±0.5
±0.8
Reverse Isolation
dB
20
Noise Figure (max)
dB
3.0
3.5
4.0
Power Output
@ 1 dB comp. (min)
dBm
10.0
9.0
8.5
IP3
dBm
+24
IP2
dBm
+32
Second Order Harmonic IP
dBm
+39
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 5 Volts (max)
mA
16
18
20
Features
• LOW NOISE FIGURE: 3.0 dB (TYP.)
• HIGH EFFICIENCY: 16 mA at +5 Vdc
• HIGH THIRD ORDER I.P.: +29 dBm at +8 Vdc (TYP.)
• MEDIUM OUTPUT LEVEL:+14.5 dBm at +8 Vdc (TYP.)
Description
The A411 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Use of an impedance transformer offers the benefit of
high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
A411
TO-8
SMA411
Surface Mount
CA411 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+10 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +5 VDC
Parameter
Rating
Thermal Resistance θjc
184ºC/W
Transistor Power Dissipation Pd
0.059 W
Junction Temperature Rise
Above Case Tjc
11ºC
* Over temperature performance limits for part number CA411, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Podobny numer części - CA411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA411 MACOM-CA411 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
More results

Podobny opis - CA411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
   10 TO 400 MHz CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A87 MA-COM-A87 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A51 MA-COM-A51 Datasheet
156Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com