Zakładka z wyszukiwarką danych komponentów |
|
CS5508 Arkusz danych(PDF) 3 Page - Cirrus Logic |
|
CS5508 Arkusz danych(HTML) 3 Page - Cirrus Logic |
3 / 40 page ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VA- = -5V ± 10%; VD+ = 3.3V ± 5%; VREF+ = 2.5V (external); VREF- = 0V; fCLK = 32.768kHz; Bipolar Mode; Rsource = 1kΩ with a 10nF to AGND at AIN; Analog input channel AIN1+; AIN- = AGND; unless otherwise specified.) (Notes 1, 2) CS5506/8-B CS5508-S Parameter* Min Typ Max Min Typ Max Units Specified Temperature Range -40 to +85 -55 to +125 °C Accuracy Linearity Error - 0.0007 0.0015 - 0.0015 0.003 ±%FS Differential Nonlinearity (No Missing Codes) 20 - - 20 - - Bits Full Scale Error (Note 3) - ±4 ±32 - ±8 ±32 LSB20 Full Scale Drift (Note 4) - ±8 - - ±32 - LSB20 Unipolar Offset (Note 3) - ±8 ±32 - ±16 ±64 LSB20 Unipolar Offset Drift (Note 4) - ±8 - - ±16 - LSB20 Bipolar Offset (Note 3) - ±4 ±16 - ±8 ±32 LSB20 Bipolar Offset Drift (Note 4) - ±4 - - ±8 - LSB20 Noise (Referred to Output) - 2.6 - - 2.6 - LSB- rms20 Unipolar Mode Bipolar Mode mV LSB’s % FS ppm FS LSB’s % FS ppm FS 0.596 0.25 0.0000238 0.24 0.13 0.0000119 0.12 1.192 0.50 0.0000477 0.47 0.26 0.0000238 0.24 2.384 1.00 0.0000954 0.95 0.50 0.0000477 0.47 4.768 2.00 0.0001907 1.91 1.00 0.0000954 0.95 9.537 4.00 0.0003814 3.81 2.00 0.0001907 1.91 VREF = 2.5V CS5506/8; 20-Bit Unit Conversion Factors DYNAMIC CHARACTERISTICS Parameter Symbol Ratio Units Modulator Sampling Frequency fs fclk/2 Hz Output Update Rate (CONV = 1) fout fclk/1622 Sps Filter Corner Frequency f-3dB fclk/1928 Hz Settling Time to 1 ⁄2 LSB (FS Step) ts 1/fout s CS5505/6/7/8 DS59F7 3 CS5505/6/7/8 DS59F7 3 |
Podobny numer części - CS5508 |
|
Podobny opis - CS5508 |