Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC-176 Arkusz danych(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Numer części AMC-176
Szczegółowy opis  Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMC-176 Arkusz danych(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AMC-176 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMC-176 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AMC-176 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Cascadable Thin Film Amplifier,
13 dB Gain, 5 - 1000 MHz
Rev. V4
AM-176 / AMC-176
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves


Podobny numer części - AMC-176

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AMC-176 MACOM-AMC-176 Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
AMC-176SMA MACOM-AMC-176SMA Datasheet
222Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AMC-176SMA MACOM-AMC-176SMA Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AMC-176SMA MA-COM-AMC-176SMA Datasheet
613Kb / 4P
   Cascadable Thin Film Amplifier
More results

Podobny opis - AMC-176

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM-AMC-176 MACOM-AM-AMC-176 Datasheet
222Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-182 MA-COM-AM-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
logo
Tyco Electronics
AM-AMC-182 MACOM-AM-AMC-182 Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
AM-182 MACOM-AM-182 Datasheet
259Kb / 3P
   Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
   Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com