Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTV-50 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części MTV-50
Szczegółowy opis  Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MTV-50 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MTV-50 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MTV-50 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Two-Way Power Dividers,
1 - 100 MHz and 40 - 400 MHz
Rev. V3
MTH-50 / MTV-50
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Ideal for High Density Packaging
• High Isolation: 30 dB Min.
• VSWR: 1.3:1 Max.
• Impedance: 50 Ohms Nominal
• Maximum Power Rating or Input Power: 1 Watt
Max.
• Internal Load Dissipation: 0.05 Watts Max.
• MIL-STD-883 Screening Available
Description
A Power Divider is ideally a lossless reciprocal
device which can also perform vector summation of
two or more signals and thus is sometimes called a
power combiner or summer.
TO-5-1
Pin Configuration
Pin No.
Function
Pin No.
Function
A
Out
C
Out
B
In
MTH-50 Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency
1 - 100
MHz
Insertion Loss
Less Coupling
1 - 100 MHz
dB
0.5
Isolation
1 - 100 MHz
dB
30
Amplitude Balance
1 - 100 MHz
dB
0.1
Phase Balance
1 - 100 MHz
°
1.0
VSWR
1 - 100 MHz
Ratio
1.3:1
MTV-50 Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency
40 - 400 MHz
MHz
Insertion Loss
Less Coupling
40 - 400 MHz
dB
0.6
Isolation
40 - 400 MHz
dB
30
Amplitude Balance
40 - 400 MHz
dB
0.2
Phase Balance
40 - 400 MHz
°
2.0
VSWR
40 - 400 MHz
Ratio
1.3:1
1. All specification apply with 50 ohm source and load impedance.


Podobny numer części - MTV-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
Tyco Electronics
MTV-50PIN MACOM-MTV-50PIN Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50_15 Datasheet
56Kb / 2P
   Two-Way Power Dividers
More results

Podobny opis - MTV-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
logo
Tyco Electronics
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
   Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
M3H-50 MACOM-M3H-50 Datasheet
84Kb / 1P
   Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
logo
Tyco Electronics
DS-113 MACOM-DS-113 Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DS-332 MA-COM-DS-332 Datasheet
107Kb / 2P
   Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com