Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC384R120T060VM-00 Arkusz danych(PDF) 3 Page - Vicor Corporation

Numer części BC384R120T060VM-00
Szczegółowy opis  BCM Array?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VICOR [Vicor Corporation]
Strona internetowa  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC384R120T060VM-00 Arkusz danych(HTML) 3 Page - Vicor Corporation

  BC384R120T060VM-00 Datasheet HTML 1Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 2Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 3Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 4Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 5Page - Vicor Corporation BC384R120T060VM-00 Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VI BRICK BCM Array
BC384R120T060VM-00
vicorpower.com
Rev. 1.1
Page 3 of 6
Parameter
Min
Typ
Max
Unit
Note
Enable / Disable (CNTRL)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
Current limit
4.8
5.0
5.8
mA
Source only
Enable delay time
240
ms
Disable delay time
40
µs
Time from PC low to output low
Parameter
Min
Typ
Max
Unit
Note
MTBF
MIL-HDBK-217F
1.8
Mhrs
25°C, GB
Isolation specifications
Voltage
4242
Vdc
Input to Output
Capacitance
1000
pF
Input to Output
Resistance
5
M
Ω
Input to Output
Agency approvals
cTÜVus
Safty agency approvals pending
CE Mark
Low Voltage Directive
Mechanical
See Mechanical Drawings
Weight
3.2/92
oz /g
Dimensions
Length
3.54/ 89,9
3.55/ 90,1
in / mm
Width
0.56/ 14,2
0.57/ 14,6
in / mm
Height
1.13/ 28,7
1.18/ 30,0
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Operating temperature - heatsink
100
°C
See thermal curve, Figure 1
Junction-to-heatsink thermal impedance (RθJC)
0.50
0.65
°C/ W
Heatsink temperature measured
in location shown in Figure 2
Heatsink to ambient thermal impedance (RθHA)
5.95
6.10
°C/ W
http://www.vicorpower.com/
technical_library/calculators/calc_t~1.xls
SPECIFICATIONS (CONT.)
General
Auxiliary Pins (Conditions are at 384 Vin, full load, and 25°C ambient unless otherwise specified)


Podobny numer części - BC384R120T060VM-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
BC384R480T065VM-00 VICOR-BC384R480T065VM-00 Datasheet
926Kb / 10P
   BCM Array?
More results

Podobny opis - BC384R120T060VM-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vicor Corporation
BC352R110T060VM-00 VICOR-BC352R110T060VM-00 Datasheet
337Kb / 6P
   BCM Array?
BC352R440T065VM-00 VICOR-BC352R440T065VM-00 Datasheet
956Kb / 10P
   BCM Array?
BC384R480T065VM-00 VICOR-BC384R480T065VM-00 Datasheet
926Kb / 10P
   BCM Array?
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com