Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

254-12.0M-18-50NW Arkusz danych(PDF) 1 Page - Oscilent Corporation

Numer części 254-12.0M-18-50NW
Szczegółowy opis  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSCILENT [Oscilent Corporation]
Strona internetowa  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

254-12.0M-18-50NW Arkusz danych(HTML) 1 Page - Oscilent Corporation

  254-12.0M-18-50NW Datasheet HTML 1Page - Oscilent Corporation 254-12.0M-18-50NW Datasheet HTML 2Page - Oscilent Corporation 254-12.0M-18-50NW Datasheet HTML 3Page - Oscilent Corporation 254-12.0M-18-50NW Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.
.
.
. .
SMD Quartz Crystal
Series Number
Package
Description
Last Modified
252 ~ 255
HC-49SM 4 Pad
SMD Quartz Crystal
Jan. 01 2002
FEATURES
- Cost effective
- Low profile
- Space saving design
- Tape and Reel
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS.
CHARACTERISTICS
UNITS
Frequency Range
fO
3.579545 ~ 70.00
MHz
Frequency Tolerance
Ref @ +25ºC
±30 (Std.) / ±15 , ±50 (Option)
PPM
Temperature Tolerance
TL
±50 (Std.) / ±30 , ±100 (Option)
PPM
Operating Temperature
TOPR
-20 ~ +70 (Std.) / -40 ~+85 (Option)
ºC
Storage Temperature
TSTG
-40 ~ +85
ºC
Shunt Capacitance
CO
7.0 max.
pF
Load Capacitance
CL
18.0 (Std.) / 10 ~ 50 and Series (Option)
pF
Drive Level
DL
1.0 max.
mW
Aging (First Year)
@ +25ºC
±5.0
PPM/Y
Insulation Resistance
IR
500 (DC100 ±10V) min.
Mohm
TABLE 1 - OPERATION MODE AND MOTIONAL RESISTANCE (RS)
FREQUENCY RANGE (MHz)
MODE
ohm max.
3.579545 ~ 4.999
Fundamental/AT
200
5.0 ~ 5.999
Fundamental/AT
150
6.0 ~ 7.999
Fundamental/AT
120
8.0 ~ 8.999
Fundamental/AT
90
9.0 ~ 9.999
Fundamental/AT
80
10.0 ~ 14.999
Fundamental/AT
70
FREQUENCY RANGE (MHz)
MODE
ohm max.
15.0 ~ 15.999
Fundamental/AT
60
16.0 ~ 23.999
Fundamental/AT
50
24.0 ~ 30.999
Fundamental/AT
40
24.0 ~ 40.32
Fundamental/BT
40
24.576 ~ 29.999
3rd OT/AT
150
30.0 ~ 70.0
3rd OT/AT
100
Page 1 of 4
Oscilent Corporation | 252 - 255


Podobny numer części - 254-12.0M-18-50NW

ProducentNumer częściArkusz danychSzczegółowy opis
List of Unclassifed Manufacturers
List of Unclassifed Man...
254-MB562 ETC2-254-MB562 Datasheet
101Kb / 1P
   Magnetic Transducer
More results

Podobny opis - 254-12.0M-18-50NW

ProducentNumer częściArkusz danychSzczegółowy opis
ECS, Inc.
ECS, Inc.
CSM-12 ECS-CSM-12_14 Datasheet
162Kb / 2P
   SMD QUARTZ CRYSTAL
ECS-250-18-5PX-F-TR ECS-ECS-250-18-5PX-F-TR Datasheet
153Kb / 1P
   SMD Quartz Crystal
Oscilent Corporation
Oscilent Corporation
250-12.0M-SR-05GP OSCILENT-250-12.0M-SR-05GP Datasheet
170Kb / 4P
   SMD Quartz Crystal
276-12.0M-SR-05GP OSCILENT-276-12.0M-SR-05GP Datasheet
127Kb / 2P
   SMD Quartz Crystal
ECS, Inc.
ECS, Inc.
CSM-7X ECS-CSM-7X Datasheet
148Kb / 1P
   SMD Quartz Crystal
CSM-7 ECS-CSM-7 Datasheet
224Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-3SX ECS-ECX-3SX Datasheet
161Kb / 1P
   SMD QUARTZ CRYSTAL
Jauch Quartz Gmbh
Jauch Quartz Gmbh
JXG84P2 JAUCH-JXG84P2 Datasheet
154Kb / 2P
   SMD Quartz Crystal
JXS53 JAUCH-JXS53 Datasheet
104Kb / 2P
   SMD Quartz Crystal
JXG63P2 JAUCH-JXG63P2 Datasheet
127Kb / 2P
   SMD Quartz Crystal
ECS, Inc.
ECS, Inc.
ECX-64R ECS-ECX-64R Datasheet
556Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1  2  3  4 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com