Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ537 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części 2SJ537
Szczegółowy opis  Chopper Regulator, DC−DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ537 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  2SJ537 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ537
2004-09-01
3
Drain-source voltage VDS
(V)
ID – VDS
Drain-source voltage VDS
(V)
ID – VDS
Gate-source voltage VGS
(V)
ID – VGS
Gate-source voltage VGS
(V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
−2
−3
−4
−5
−0.8
−1.2
−1.6
−2.0
0
−0.4
VGS = −2.5V
−5
−3.5
−3
−4
−10
−1
−4
−6
−8
−10
0
−4
−6
−8
−10
−2
0
−2
VGS = −2.5 V
−3
−3.5
−8
−10
−4
−6
−5
−8
−12
−16
−20
0
−0.8
−1.2
−1.6
−2.0
−0.4
0
−4
−100
0.1
1
−0.1
−1
−10
−100
0.01
0.1
−4
−8
0
−4
−6
−8
−10
−2
0
−2
10
10
−10
Ta
= −55°C
25
100
1
VGS = −4 V
−10
−6
−10
−1
−0.1
Common
source
Ta
= 25°C
Pulse Test
−8
−6
Common source
Ta
= 25°C
Pulse Test
Ta
= −55°C
100
25
Common source
VDS = −10 V
Pulse Test
ID = −5 A
−1.3
−2.5
Common source
Ta
= 25℃
Pulse Test
Common source
VDS = −10 V
Pulse Test
Common source
Ta
= 25°C
Pulse Test


Podobny numer części - 2SJ537

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ537 TOSHIBA-2SJ537 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ537 TOSHIBA-2SJ537_06 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
More results

Podobny opis - 2SJ537

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2883 TOSHIBA-2SK2883_09 Datasheet
455Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_09 Datasheet
445Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2749 TOSHIBA-2SK2749_09 Datasheet
417Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2837 TOSHIBA-2SK2837_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ407 TOSHIBA-2SJ407_09 Datasheet
420Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2267 TOSHIBA-2SK2267_09 Datasheet
435Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ360 TOSHIBA-2SJ360_09 Datasheet
211Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2376 TOSHIBA-2SK2376_09 Datasheet
431Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2381 TOSHIBA-2SK2381_09 Datasheet
403Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2401 TOSHIBA-2SK2401_09 Datasheet
442Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2989 TOSHIBA-2SK2989_09 Datasheet
243Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com