Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7SZ14AFS Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7SZ14AFS
Szczegółowy opis  Schmitt Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ14AFS Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ14AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ14AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ14AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ14AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ14AFS Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ14AFS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SZ14AFS
2009-07-27
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ14AFS
Schmitt Inverter
Features
• High-level output current
: ±24mA (min) at VCC = 3.0VSuper
high speed operation
: tpd
= 3.7 ns (typ.)
at VCC = 5V, 50pF
• Operation voltage range
: VCC(opr) = 1.65 to 5.5V
• 5.5-V tolerant input
Marking
Pin Assignment (top view)
Absolute Maximum Ratings (Ta = 25°C)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VOUT < GND,VOUT > VCC
SON5-P-0.35
(fSV)
Weight : 0.001 g (typ.)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 6
V
DC input voltage
VIN
−0.5 to 6
V
DC output voltage
VOUT
−0.5 to Vcc+0.5V
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
(Note1)
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
50
mW
Storage temperature
Tstg
−65 to 150
°C
Product name
J K
VCC
OUT Y
GND
NC
IN A
4
5
3
2
1


Podobny numer części - TC7SZ14AFS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ14AFS TOSHIBA-TC7SZ14AFS Datasheet
208Kb / 6P
   Schmitt Inverter
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
   Schmitt Inverter
More results

Podobny opis - TC7SZ14AFS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
   Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
   Schmitt Inverter
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
   Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
   SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
   Schmitt Inverter
TC7SZ14F TOSHIBA-TC7SZ14F_07 Datasheet
169Kb / 6P
   Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
   SCHMITT INVERTER
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
   Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
   SCHMITT INVERTER
TC7S14F TOSHIBA-TC7S14F Datasheet
203Kb / 5P
   SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com