Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7SZ125F Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TC7SZ125F
Szczegółowy opis  Bus Buffer 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ125F Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ125F Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ125F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SZ125F/FU
2009-09-18
2
IEC Logic Symbol
Truth Table
Input
Output
A
G
Y
X
H
Z
L
L
L
H
L
H
X: Don’t Care
Z: High Impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.8 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 5)
Output voltage
VOUT
0 to VCC
(Note 6)
V
Operating temperature
Topr
40 to 85
°C
0 to 20 (VCC = 1.8 V, 2.5 V ± 0.2 V)
0 to 10 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0 to 5 (VCC = 5.0 V ± 0.5 V)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V or high impedance condition
Note 6: High or Low state
A
G
OUT Y
EN


Podobny numer części - TC7SZ125F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125FE TOSHIBA-TC7SZ125FE Datasheet
169Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ125FU TOSHIBA-TC7SZ125FU Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SZ125FU TOSHIBA-TC7SZ125FU Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
More results

Podobny opis - TC7SZ125F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SZ126F TOSHIBA-TC7SZ126F Datasheet
186Kb / 5P
   BUS BUFFER, 3-STATE OUTPUT
TC7SZ126F TOSHIBA-TC7SZ126F_09 Datasheet
178Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SH125F TOSHIBA-TC7SH125F_09 Datasheet
174Kb / 6P
   Bus Buffer 3-STATE Output
TC7SZ125F TOSHIBA-TC7SZ125F_07 Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
TC7SZ126F TOSHIBA-TC7SZ126F_07 Datasheet
210Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125AFS TOSHIBA-TC7SZ125AFS Datasheet
162Kb / 6P
   Bus Buffer 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com