Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VHC21F Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TC74VHC21F
Szczegółowy opis  Dual 4-Input AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC21F Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC21F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC21F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74VHC21F/FN/FT/FK
2008-05-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Output
A
B
C
D
Y
L
X
X
X
L
X
L
X
X
L
X
X
L
X
L
X
X
X
L
L
H
H
H
H
H
X: Don’t care
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7.0
V
DC input voltage
VIN
−0.5 to 7.0
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(4)
(9)
(5)
1C
&
2A
1D
(12)
(10)
(13)
2C
2B
(6)
(8)
1Y
2Y
2D
(1)
(2)
1A
1B
VCC
9
2D
2C
NC
8
14
13
12
11
10
1A
1
2
3
4
5
6
7
1C
1D
1Y
GND
2B
2A
2Y
(top view)
1B
NC


Podobny numer części - TC74VHC21F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
211Kb / 8P
   Dual 4-Input AND Gate
TC74VHC21FK TOSHIBA-TC74VHC21FK_12 Datasheet
213Kb / 8P
   Dual 4-Input AND Gate
TC74VHC21FN TOSHIBA-TC74VHC21FN Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
TC74VHC21FN TOSHIBA-TC74VHC21FN Datasheet
211Kb / 8P
   Dual 4-Input AND Gate
More results

Podobny opis - TC74VHC21F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
IN74ACT21 INTEGRAL-IN74ACT21 Datasheet
133Kb / 4P
   DUAL 4-INPUT AND GATE
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
   Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
   Dual 4-input AND gate
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
   Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
   DUAL 4-INPUT AND GATE
logo
KODENSHI_AUK CORP.
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
   Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
   Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B NEXPERIA-HEF4082B Datasheet
198Kb / 9P
   Dual 4-input AND gate
Rev. 7 - 24 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com