Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP2166A Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP2166A
Szczegółowy opis  PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2166A Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP2166A Datasheet HTML 1Page - Toshiba Semiconductor TLP2166A Datasheet HTML 2Page - Toshiba Semiconductor TLP2166A Datasheet HTML 3Page - Toshiba Semiconductor TLP2166A Datasheet HTML 4Page - Toshiba Semiconductor TLP2166A Datasheet HTML 5Page - Toshiba Semiconductor TLP2166A Datasheet HTML 6Page - Toshiba Semiconductor TLP2166A Datasheet HTML 7Page - Toshiba Semiconductor TLP2166A Datasheet HTML 8Page - Toshiba Semiconductor TLP2166A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLP2166A
2008-11-27
4
Switching Characteristics
(Unless otherwise specified, Ta=-40 to 100℃、VCC=3.0 to 3.6 V)(Each Channel)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP.
MAX
UNIT
Propagation Delay Time
to Logic Low output
tpHL
IF=0→7.5 mA
75
ns
Propagation Delay Time
to Logic High output
tpLH
IF=7.5→0 mA
RIN=100 Ω
CL=15 pF
(Note 6)
75
ns
Switching Time Dispersion
between ON and OFF
|tpHL-
tpLH|
IF=7.5 mA,RIN=100Ω,CL=15 pF
(Note 6)
45
ns
Fall Time (90 – 10 %)
tf
IF=0→7.5 mA
5
ns
Rise Time (10 – 90 %)
tr
5
IF=7.5→0 mA
RIN=100 Ω
CL=15 pF
(Note 6)
5
ns
Common Mode transient
Immunity at High Level Output
CMH
VCM=1000 Vp-p, IF=0 mA,
VO(min)=2 V, Ta=25°C
15000
V/μs
Common Mode transient
Immunity at Low Level Output
CML
6
VCM=1000 Vp-p, IF=7.5 mA,
VO(max)=0.8 V, Ta=25°C
-15000
V/μs
*All typical values are at Ta=25
°C, VCC=3.3 V.
Note 6: CL is approximately 15 pF which includes probe and jig/stray wiring capacitance.
TEST CIRCUIT 1: VOL Test Circuit
TEST CIRCUIT 2: VOH Test Circuit
TEST CIRCUIT 3: ICCL Test Circuit
TEST CIRCUIT 4: ICCH Test Circuit
VCC
IF
VCC
GND
SHIELD
1
3
4
2
6
7
8
5
V
0.1 μF
VOL
IO
1
3
4
2
VCC
GND
SHIELD
6
7
8
5
V
VCC
0.1 μF
VO
IO
VF
1
3
6
7
8
VCC
GND
SHIELD
5
4
2
A
IF1
IF2
VCC
0.1 μF
ICCL
1
3
6
7
8
VCC
GND
SHIELD
5
4
2
A
VCC
0.1 μF
ICCH


Podobny numer części - TLP2166A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP216 TOSHIBA-TLP216 Datasheet
519Kb / 9P
   DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
More results

Podobny opis - TLP2166A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com