Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP3215 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP3215
Szczegółowy opis  PHOTOCOUPLER PHOTO RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3215 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP3215_08 Datasheet HTML 1Page - Toshiba Semiconductor TLP3215_08 Datasheet HTML 2Page - Toshiba Semiconductor TLP3215_08 Datasheet HTML 3Page - Toshiba Semiconductor TLP3215_08 Datasheet HTML 4Page - Toshiba Semiconductor TLP3215_08 Datasheet HTML 5Page - Toshiba Semiconductor TLP3215_08 Datasheet HTML 6Page - Toshiba Semiconductor TLP3215_08 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP3215
2008-03-03
2
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta
≥ 25°C)
ΔIF/°C
−0.5
mA/°C
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
40
V
On-State Current
ION
300
mA
On-State Current Derating (Ta
≥ 25°C)
ΔION/°C
−3.0
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
−40 to 125
°C
Operating Temperature Range
Topr
−20 to 85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H.
≤ 60%) (Note 1)
BVS
1500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Device considered a two-terminal device: Pins 1 and, 2 shorted together, and pins 3 and 4 shorted together.
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and
equipment are earthed.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
VDD
32
V
Forward Current
IF
30
mA
On-State Current
ION
300
mA
Operating Temperature
Topr
-20
65
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
μA
Capacitance
CT
V
= 0, f = 1 MHz
15
pF
Off-State Current
IOFF
VOFF = 30 V, Ta = 50°C
1000
pA
Capacitance
COFF
V
= 0, f = 100 MHz, t < 1 s
10
14
pF


Podobny numer części - TLP3215_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
More results

Podobny opis - TLP3215_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP599G TOSHIBA-TLP599G Datasheet
191Kb / 6P
   PHOTOCOUPLER PHOTO RELAY
TLP3212 TOSHIBA-TLP3212 Datasheet
211Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3217 TOSHIBA-TLP3217 Datasheet
202Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3216 TOSHIBA-TLP3216_08 Datasheet
184Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP3214 TOSHIBA-TLP3214_08 Datasheet
183Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
TLP594G TOSHIBA-TLP594G Datasheet
136Kb / 4P
   Photocoupler Photo Relay
TLP179D TOSHIBA-TLP179D Datasheet
125Kb / 4P
   PHOTOCOUPLER PHOTO RELAY
TLP3203 TOSHIBA-TLP3203 Datasheet
205Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com