Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM340T-8.0 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części LM340T-8.0
Szczegółowy opis  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM340T-8.0 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button LM340T-8.0 Datasheet HTML 7Page - Motorola, Inc LM340T-8.0 Datasheet HTML 8Page - Motorola, Inc LM340T-8.0 Datasheet HTML 9Page - Motorola, Inc LM340T-8.0 Datasheet HTML 10Page - Motorola, Inc LM340T-8.0 Datasheet HTML 11Page - Motorola, Inc LM340T-8.0 Datasheet HTML 12Page - Motorola, Inc LM340T-8.0 Datasheet HTML 13Page - Motorola, Inc LM340T-8.0 Datasheet HTML 14Page - Motorola, Inc LM340T-8.0 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM340, A Series
11
MOTOROLA ANALOG IC DEVICE DATA
LM340–18
ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
17.3
18
18.7
Vdc
Line Regulation
21.5 Vdc to 33 Vdc
21 Vdc to 33 Vdc (TJ = +25°C)
24 Vdc to 30 Vdc, IO = 1.0 A
21 Vdc to 33 Vdc, IO = 1.0 A (TJ = +25°C)
Regline
180
180
90
180
mV
Load Regulation
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
180
180
90
mV
Output Voltage
21
≤ Vin ≤ 33 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
17.1
18.9
Vdc
Quiescent Current
IO = 1.0 A
TJ = +25°C
IB
4.0
8.5
8.0
mA
Quiescent Current Change
21
≤ Vin ≤ 33 Vdc, IO = 500 mA
5.0 mA
≤ IO ≤ 1.0 A, Vin = 27 V
21
≤ Vin ≤ 33 Vdc, IO = 1.0 A
∆IB
1.0
0.5
1.0
mA
Ripple Rejection
IO = 1.0 mA (TJ = +25°C)
RR
53
69
dB
Dropout Voltage
VI – VO
1.7
Vdc
Output Resistance (f = 1.0 kHz)
rO
2.0
m
Short Circuit Current Limit (TJ = +25°C)
ISC
500
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
110
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
±2.3
mV/
°C
Peak Output Current (TJ = +25°C)
IO
2.4
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
IO = 1.0 A
21
Vdc
NOTE: 1. Tlow to Thigh = 0° to +125°C


Podobny numer części - LM340T-8.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM340T-8.0 ONSEMI-LM340T-8.0 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
More results

Podobny opis - LM340T-8.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com