Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM11C Arkusz danych(PDF) 11 Page - Silicon Touch Technology Inc.

Numer części DM11C
Szczegółowy opis  8-bit Constant Current LED Driver with Error Detection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM11C Arkusz danych(HTML) 11 Page - Silicon Touch Technology Inc.

Back Button DM11C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 12Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 13Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 14Page - Silicon Touch Technology Inc. DM11C Datasheet HTML 15Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC
.
8-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 10
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM11C
Constant-Current Output
Constant-current value of each output channel is set by an external resistor connected between
the REXT pin and GND. Varying the resistor value can adjust the current scale ranging from 5mA to
120mA. The reference voltage of REXT terminal (Vrext) is approximately 0.6V. The output current
value is calculated roughly by the following equation:
Iout(mA)
5
10
20
30
40
50
60
70
80
90
100
110
120
M
99.7
98.1
96.0
94.2
92.5
90.8
89.1
87.1
85.1
84.4
80.5
78
70.6
Output Current as a Function of Rrext value
0
10
20
30
40
50
60
70
80
90
100
110
120
130
01
23
45
678
9
10
11
12
Rrext (KΩ)
Output Current as a Function of Output Voltage
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Vout (V)
In order to obtain a good performance of constant-current output, a suitable output voltage is
necessary. Users can get related information about the minimum output voltage above.
Iout (mA) ~
Vrext (V)
Rrext (KΩ)
× M


Podobny numer części - DM11C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Extech Instruments Corp...
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110_15 Datasheet
250Kb / 1P
   Mini Pocket MultiMeter
logo
MicroPower Direct, LLC
DM111E MPD-DM111E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM111E MPD-DM111E Datasheet
245Kb / 2P
   DM100E SERIES
DM112E MPD-DM112E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

Podobny opis - DM11C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
Silicon Touch Technolog...
DD313 SITI-DD313 Datasheet
688Kb / 22P
   3-CHANNEL HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com