Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1115J Arkusz danych(PDF) 3 Page - Silicon Touch Technology Inc.

Numer części ST1115J
Szczegółowy opis  Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1115J Arkusz danych(HTML) 3 Page - Silicon Touch Technology Inc.

  ST1115J Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1115J Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1115J Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1115J Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1115J Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1115J Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1115J Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1115J
SP-ST1115J-A.003
Version
A.003
Page
:2
Pin Assignment
Pin Descriptions
Pin No. Pin Name
Signal Type
Description
1, 6, 7
GND
Ground
Ground
2
H+
Analog Input
Hall Input
3
H-
Analog Input
Hall Input
4
VF
Analog Input
Declare for Full duty
5
VM
Analog Input
Declare for Minimum duty
8
VZ
Analog Input
Declare for Zero duty
9
SEL
Digital Input
GND:Keep minimum speed. VDD:Stop.
10
PWM
Digital Input
PWM control input
11
FG
Open Drain
Fan tachometer output
12
RD
Open Drain
Locked-rotor alarm
13
CF
Analog Input
Input noise filtering
14
PO2
Analog Output Output pre-driver 2
15
VDD
Power
Supply voltage
16
PO1
Analog Output Output pre-driver 1
Absolute Maximum Ratings
( Unless otherwise noted, VDD=12V, TA = 25 °C )
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
15
V
Input Voltage
VIN
VDD+0.4
V
PO1/PO2 Output Current
IOUT
100
mA
FG/RD Output Current
IFG_RD
10
mA
FG/RD Output voltage
VFG_RD
15
V
Power Dissipation
PD
0.68
W
Operating Temperature Range
TA
-40 ~ 125
°C
Storage Temperature Range
TS
-65 ~ 150
°C
Operating Junction Temperature
TJ
150
°C
Thermal Resistance, Junction to Ambient
θJA
120
°C/ W
Thermal Resistance, Junction to case
θJC
52
°C/ W
1
2
3
4
5
6
7
16
15
14
13
12
11
10
GND
H+
H-
VF
VM
GND
GND
PO1
VDD
PO2
CF
RD
FG
PWM
8
9
VZ
SEL


Podobny numer części - ST1115J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
ST1115D SITI-ST1115D Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
More results

Podobny opis - ST1115J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
   3-Phase Brushless DC Motor Pre-Driver
A4936 ALLEGRO-A4936 Datasheet
204Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
logo
Rohm
BM64070MUV ROHM-BM64070MUV Datasheet
3Mb / 30P
   Built-in Speed Control, Sensor-less Three-phase Brushless Motor Pre-driver
31.Jan.2020 Rev.001
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com